Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPL531-OC Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPL531-OC
Description  Photologic Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPL531-OC Datasheet(HTML) 2 Page - OPTEK Technologies

  OPL531-OC Datasheet HTML 1Page - OPTEK Technologies OPL531-OC Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Types OPL530, OPL530-OC, OPL531, OPL531-OC
Electrical Characteristics (-40
o C to +85o C unless otherwise noted) VCC = 4.5 V to 16 V
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
VCC
Operating Supply Voltage
4.5
16.0
V
Peak-to-Peak VCC Ripple Necessary to Cause
False Triggering of Output
2
V
f = DC to 50 MHz
ICC
Supply Current
(4)
2.7
5.0
mA
Ee = 0 or 1 mW/cm
2
EeT(+)
Positive-Going Threshold Irradiance
(3)
OPL530, OPL530-OC, OPL531, OPL531-OC
OPL530A, OPL530-OCA, OPL531A, OPL531-OCA
OPL530B, OPL530-OCB,OPL531B, OPL531-OCB
0.12
0.12
0.23
0.38
0.28
0.38
mW/cm
2
mW/cm
2
mW/cm
2
TA = 25
o C
TA = 25
o C
TA = 25
o C
EeT(+)/EeT(-) Hysteresis Ratio
1.20
1.80
∆EeT(+)(∆T)
Temperature Coefficient
>0o C
<0o C
-0.6
-1.6
%/
o C
%/
o C
OPL530, OPL530-OC (Buffers)
IOH
High Level Output Current
(4)
0.1
10
µA
VOH = 30 V,
Ee = 1 mW/cm
2
VOL
Low Level Output Voltage
0.2
0.40
V
IOL = 16 mA, Ee = 0
OPL531, OPL531-OC (Inverters)
IOH
High Level Output Current
(4)
0.1
10
µA
VOH = 30 V, Ee = 0
VOL
Low Level Output Voltage
0.2
0.40
V
IOL = 16 mA,
Ee = 1 mW/cm
2
OPL530, OPL531
tr
Output Rise Time
1.5
µs
Ee = 0 or 1 mW/cm
2,
CL = 50 pF
tf
Output Fall Time
20
ns
OPL530-OC, OPL531-OC
tr
Output Rise Time
50
ns
Ee = 0 or 1 mW/cm
2,
RL = 300
Ω to 5 V,
CL = 50 pF
tf
Output Fall Time
20
ns
OPL530, OPL530-OC, OPL531, OPL531-OC
tpEeT(+)
Propagation Delay
1.0
µs
Ee = 0 or 1 mW/cm
2,
RL = 300
Ω to 5 V,
CL = 50 pF
tpEeT(-)
Propagation Delay
3.0
µs
Optek Reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
4-5


Similar Part No. - OPL531-OC

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPL531-OCA TTELEC-OPL531-OCA Datasheet
813Kb / 10P
   Photologic Sensor
More results

Similar Description - OPL531-OC

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL550 OPTEK-OPL550 Datasheet
146Kb / 4P
   PHOTOLOGIC PLASTIC SENSORS
OPL535 OPTEK-OPL535 Datasheet
427Kb / 2P
   Photologic Sensors
OPL801 OPTEK-OPL801 Datasheet
522Kb / 4P
   PHOTOLOGIC HERMETIC SENSORS
logo
TT Electronics.
OPL800 TTELEC-OPL800 Datasheet
1Mb / 15P
   Photologic Hermetic Sensors
logo
OPTEK Technologies
OPL560 OPTEK-OPL560 Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
OPB760N OPTEK-OPB760N_06 Datasheet
238Kb / 4P
   Photologic Reflective Object Sensors
OPL810 OPTEK-OPL810 Datasheet
604Kb / 4P
   PHOTOLOGIC HERMETIC SENSORS
OPB760T OPTEK-OPB760T_06 Datasheet
264Kb / 4P
   Photologic Reflective Object Sensors
OPB770T OPTEK-OPB770T_06 Datasheet
242Kb / 3P
   Photologic Reflective Object Sensors
OPB760 OPTEK-OPB760 Datasheet
330Kb / 4P
   Photologic Reflective Object Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com