Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM20707VA1PKWBG Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # BCM20707VA1PKWBG
Description  Complies with Bluetooth Core Specification version 4.2 including BR/EDR/BLE
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20707VA1PKWBG Datasheet(HTML) 2 Page - Cypress Semiconductor

  BCM20707VA1PKWBG Datasheet HTML 1Page - Cypress Semiconductor BCM20707VA1PKWBG Datasheet HTML 2Page - Cypress Semiconductor BCM20707VA1PKWBG Datasheet HTML 3Page - Cypress Semiconductor BCM20707VA1PKWBG Datasheet HTML 4Page - Cypress Semiconductor BCM20707VA1PKWBG Datasheet HTML 5Page - Cypress Semiconductor BCM20707VA1PKWBG Datasheet HTML 6Page - Cypress Semiconductor BCM20707VA1PKWBG Datasheet HTML 7Page - Cypress Semiconductor BCM20707VA1PKWBG Datasheet HTML 8Page - Cypress Semiconductor BCM20707VA1PKWBG Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
20707-DS206-R
Corporate Headquarters: San Jose, CA
May 27, 2016
Preliminary Data Sheet
BCM20707
Bluetooth SoC for Embedded Wireless Devices
Figure 1: Functional Block Diagram
GENERAL DESCRIPT ION
FEATURES
The Broadcom® BCM20707 is a single-chip
Bluetooth 4.2-compliant, stand-alone baseband
processor with an integrated 2.4 GHz transceiver.
Manufactured using the industry's most advanced
40 nm CMOS low-power process, the BCM20707
employs the highest level of integration to eliminate
all critical external components, thereby minimizing
the device's footprint and the costs associated with
implementing Bluetooth solutions.
The BCM20707 is the optimal solution for embedded
and IoT applications. Built-in firmware adheres to the
Bluetooth Low Energy (BLE) profile
APPLICAT IONS
• Home automation
• Point-of-sale input devices
• Blood pressure monitors
• “Find me” devices
• Heart rate monitors
• Proximity sensors
• Thermometers
• Wearables
• Complies with Bluetooth Core Specification
version 4.2 including BR/EDR/BLE
• Broadcom proprietary LE data rate up to 2 Mbps
• BLE HID profile version 1.00 compliant
• Bluetooth Device ID profile version 1.3 compliant
• Supports Generic Access Profile (GAP)
• Supports Adaptive Frequency Hopping (AFH)
• Excellent receiver sensitivity
• Programmable output power control
• Integrated ARM Cortex-M3 microprocessor core
• On-chip power-on reset (POR)
• Support for EEPROM and serial flash interfaces
• Integrated low dropout regulators (LDO)
• On-chip software controlled PMU
•PCM/I2S Interface
• Infrared modulator
• IR learning
• On-chip support for SPI (master/slave modes)
• Broadcom Serial Communications interface
(compatible with NXP I2C slaves)
• Package types:
– 49-pin FBGA package (4.5 mm x 4.0 mm)
Bluetooth 4.2-compliant
– 36-pin WLBGA package (2.8 mm x 2.5 mm)
Bluetooth 4.2-complaint
– RoHS compliant
BCM20707
Cortex-M3
DMA
Scan JTAG
Address
Decoder
Bus Arb
Trap & Patch
AHB2APB
WD Timer
Remap &
Pause
32-bit APB
32-bit AHB
AHB2MEM
AHB2EBI
External
Bus I/F
ROM
AHB2MEM
RAM
PMU Control
UART
Debug
UART
PTU
I/O
Port Control
PMU
LPO
POR
Buffer
APU
BT Clk/
Hopper
Blue RF I/F
Rx/Tx
Buffer
Digital
Modulator
Calibration &
Control
Digital Demod
Bit Sync
Bluetooth Radio
RF
Flash I/F
JTAG
Digital I/O
I2C_Master
Interrupt
Controller
PCM
GPIO+Aux
SW
Timers
JTAG Master
LCU
SPI
Master
Low Power
Scan
Blue RF Registers
ADC
MIC


Similar Part No. - BCM20707VA1PKWBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM20707 CYPRESS-BCM20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20707UA2EKUBGT CYPRESS-BCM20707UA2EKUBGT Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20707UA2KFFB4G CYPRESS-BCM20707UA2KFFB4G Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
More results

Similar Description - BCM20707VA1PKWBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW89035 CYPRESS-CYW89035 Datasheet
3Mb / 45P
   Complies with Bluetooth Core Specification version 4.2 including Basic Rate (BR) BR/BLE
logo
Yichip Microelectronics...
YC1166 YICHIP-YC1166 Datasheet
1Mb / 16P
   Bluetooth 5.0 BR/EDR/BLE
2020-02-26
logo
Cypress Semiconductor
CYW20719 CYPRESS-CYW20719 Datasheet
1Mb / 49P
   Enhanced Low Power, BR/EDR/BLE Bluetooth 5.0 SOC
logo
DB Lectro Inc
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
   Bluetooth v2.0 EDR specification
logo
Cypress Semiconductor
CYBLE-222014-01 CYPRESS-CYBLE-222014-01 Datasheet
906Kb / 37P
   EZ-BLE??PRoC??Bluetooth 4.2 Module
logo
DB Lectro Inc
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
   Bluetooth v2.0EDR specification
BCD100 DBLECTRO-BCD100 Datasheet
310Kb / 2P
   Fully qualified with Bluetooth v2.0 EDR specification
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
   Bluetooth Specification v2.0 EDR Class 1
logo
Silicon Laboratories
BT122 SILABS-BT122 Datasheet
1Mb / 42P
   BT122 is a dual mode Bluetooth BR/EDR - BLE module targeted for applications that require both Bluetooth Low Energy and Classic connectivity.
Rev. 1.0
logo
Delta Electronics, Inc.
DFBM-CS320 DELTA-DFBM-CS320 Datasheet
72Kb / 10P
   Wireless communication module compliant with Bluetooth TM Specification V2.0EDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com