Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM20702 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # BCM20702
Description  Bluetooth 4.0 EDR and Low Energy compliant
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20702 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button BCM20702 Datasheet HTML 6Page - Cypress Semiconductor BCM20702 Datasheet HTML 7Page - Cypress Semiconductor BCM20702 Datasheet HTML 8Page - Cypress Semiconductor BCM20702 Datasheet HTML 9Page - Cypress Semiconductor BCM20702 Datasheet HTML 10Page - Cypress Semiconductor BCM20702 Datasheet HTML 11Page - Cypress Semiconductor BCM20702 Datasheet HTML 12Page - Cypress Semiconductor BCM20702 Datasheet HTML 13Page - Cypress Semiconductor BCM20702 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Document Number: 002-14773 Rev. *L
Page 10 of 55
CYW20702
3. Bluetooth Baseband Core
The Bluetooth Baseband Core (BBC) implements the time critical functions required for high-performance Bluetooth and Low Energy
operation. The BBC manages buffering, segmentation, and data routing for all connections. It also buffers data that passes through
it, handles data flow control, schedules SCO/ACL Tx/Rx transactions, monitors Bluetooth slot usage, optimally segments and
packages data into baseband packets, manages connection status indicators, and composes and decodes HCI packets. In addition
to these functions, it independently handles HCI event types and HCI command types.
3.1 Transmit and Receive Functions
The following transmit and receive functions are implemented in the BBC hardware to increase the reliability and security of the
Tx/Rx data before sending the data over the air:
In the transmitter:
Data framing
Forward Error Correction (FEC) generation
Header Error Control (HEC) generation
Cyclic Redundancy Check (CRC) generation
Key generation
Data encryption
Data whitening
In the receiver:
Symbol timing recovery
Data deframing
FEC
HEC
CRC
Data decryption
Data dewhitening
3.2 Bluetooth 4.0 + EDR Features
The CYW20702 supports Bluetooth 4.0 + EDR and Low Energy, including the following options:
A whitelist size of 25
Enhanced Power Control
HCI Read Encryption Key Size command
The CYW20702 provides full support for Bluetooth 2.1 + EDR additional features:
Secure Simple Pairing (SSP)
Encryption Pause Resume (EPR)
Enhance Inquiry Response (EIR)
Link Supervision Time Out (LSTO)
Sniff SubRating (SSR)
Erroneous Data (ED)
Packet Boundary Flag (PBF)
3.3 Frequency Hopping Generator
The frequency hopping sequence generator selects the correct hopping channel number, based on the link controller state, Bluetooth
clock, and device address.
3.4 Link Control Layer
The Link Control layer is part of the Bluetooth link control functions implemented in dedicated logic in the Link Control Unit (LCU).
This layer consists of the Command Controller that takes commands from the software and other controllers that are activated or
configured by the Command Controller to perform the link control tasks.
There are two major states–Standby and Connection. Each task establishes a different state in the Bluetooth Link Controller. In
addition, there are eight substates—Page, Page Scan, Inquiry, Inquiry Scan, Sniff, and Sniff SubRating.


Similar Part No. - BCM20702

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM2070 BOARDCOM-BCM2070 Datasheet
216Kb / 2P
   BLUETOOTH 2.1 EDR SINGLE-CHIP HCI SOLUTION
logo
Cypress Semiconductor
BCM20704 CYPRESS-BCM20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20704UA2KFFB1G CYPRESS-BCM20704UA2KFFB1G Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results

Similar Description - BCM20702

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20715 CYPRESS-CYW20715 Datasheet
3Mb / 47P
   Bluetooth 4.0 EDR compliant
CYW20710 CYPRESS-CYW20710 Datasheet
4Mb / 50P
   Bluetooth 4.0 EDR compliant
CYW20713 CYPRESS-CYW20713 Datasheet
4Mb / 52P
   Bluetooth 4.0 EDR compliant
CYW20732Y CYPRESS-CYW20732Y Datasheet
2Mb / 26P
   Bluetooth Low-Energy (BLE)-compliant
CYW20732A0 CYPRESS-CYW20732A0 Datasheet
2Mb / 35P
   Bluetooth Low-Energy (BLE)-compliant
logo
TriQuint Semiconductor
TQP770001 TRIQUINT-TQP770001 Datasheet
334Kb / 10P
   Bluetooth Two Stage (HBT) Power Amplifier (EDR Compliant)
logo
NXP Semiconductors
MKW40Z160 NXP-MKW40Z160 Datasheet
1Mb / 64P
   2.4 GHz Bluetooth Low Energy version 4.1 compliant
Rev. 1.1, 10/2015
logo
List of Unclassifed Man...
BLE121LR ETC2-BLE121LR Datasheet
877Kb / 29P
   Bluetooth v. 4.0 Single Mode Compliant
BLE113 ETC2-BLE113 Datasheet
999Kb / 30P
   Bluetooth v. 4.0, single mode compliant
BLE112 ETC2-BLE112 Datasheet
973Kb / 31P
   Bluetooth v.4.0, single mode compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com