Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMA1A Datasheet(PDF) 1 Page - Rohm

Part # FMA1A
Description  Emitter common(dual digital transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA1A Datasheet(HTML) 1 Page - Rohm

  FMA1A Datasheet HTML 1Page - Rohm FMA1A Datasheet HTML 2Page - Rohm FMA1A Datasheet HTML 3Page - Rohm FMA1A Datasheet HTML 4Page - Rohm FMA1A Datasheet HTML 5Page - Rohm FMA1A Datasheet HTML 6Page - Rohm FMA1A Datasheet HTML 7Page - Rohm FMA1A Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UMA1N / FMA1A
Emitter common(dual digital transistors)
Datasheet
l
lOutline
Parameter
DTr1 and DTr2
SOT-353
SOT-25
VCC
-50V
 
 
 
 
IC(MAX.)
-100mA
R1
22kΩ
UMA1N
FMA1A
R2
22kΩ
(UMT5)
(SMT5)
                                           
l
lFeatures
l
lInner circuit
1)Two DTA124E chips in UMT or SMT
  package.
2)Mounting cost and area can be cut in half.
UMA1N
FMA1A
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
UMA1N
SOT-353
(UMT5)
2021
TR
180
8
3000
A1
FMA1A
SOT-25
(SMT5)
2928
T148
180
8
3000
A1
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/6
20151008 - Rev.002


Similar Part No. - FMA1A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA1A ROHM-FMA1A Datasheet
60Kb / 1P
   General purpose (dual digital transistors)
logo
Guangdong Kexin Industr...
FMA1A KEXIN-FMA1A Datasheet
175Kb / 3P
   Complex Digital Transistors
logo
Rohm
FMA1A ROHM-FMA1A Datasheet
70Kb / 3P
   −100mA / −50V Complex digital transistors (with built-in resistors)
FMA1A ROHM-FMA1A Datasheet
422Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA1AT148 ROHM-FMA1AT148 Datasheet
422Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - FMA1A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
EMA5 ROHM-EMA5 Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
logo
Unisonic Technologies
UG4J UTC-UG4J_07 Datasheet
103Kb / 2P
   EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
logo
Rohm
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
   Emitter common (dual digital transistors)
UMG3N ROHM-UMG3N Datasheet
67Kb / 3P
   Emitter common (dual digital transistors)
UMA7N ROHM-UMA7N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
EMG2 ROHM-EMG2 Datasheet
1Mb / 11P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com