Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA301 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA301
Description  Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA301 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA301 Datasheet HTML 6Page - Burr-Brown (TI) OPA301 Datasheet HTML 7Page - Burr-Brown (TI) OPA301 Datasheet HTML 8Page - Burr-Brown (TI) OPA301 Datasheet HTML 9Page - Burr-Brown (TI) OPA301 Datasheet HTML 10Page - Burr-Brown (TI) OPA301 Datasheet HTML 11Page - Burr-Brown (TI) OPA301 Datasheet HTML 12Page - Burr-Brown (TI) OPA301 Datasheet HTML 13Page - Burr-Brown (TI) OPA301 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
OPA300
OPA301
SBOS271A − MAY 2003 − REVISED DECEMBER 2003
www.ti.com
10
APPLICATIONS INFORMATION
Built on HPA07, the latest TI high-precision analog
process, the OPA300 single-supply CMOS op amp is
designed
to
interface
with
high-speed
16-bit
analog-to-digital converters (ADCs). Featuring wide
150MHz bandwidth, fast 150nS settling time to 16 bits,
and high open loop gain, the OPA300 series offer
excellent performance in a small SO-8 and tiny SOT23
packages.
THEORY OF OPERATION
The OPA30x uses a classic two-stage topology, shown
in Figure 1. The differential input pair is biased to
maximize slew rate without compromising stability or
bandwidth. The folded cascode adds the signal from the
input pair and presents a differential signal to the class
AB output stage. The class AB output stage allows rail
to rail output swing, with high−impedance loads
(> 2k
Ω), typically 100mV from the supply rails. With 10Ω
loads, a useful output swing can be achieved and still
maintain high
open-loop
gain.
See
the
typical
characteristic Output Voltage Swing vs Output Current.
+VS
V
BIAS
+
V
IN
V
OUT
Figure 1. OPA30x Classic Two-Stage Topology
OPERATING VOLTAGE
OPA30x op amp parameters are fully specified from
+2.7V to +5.5V. Supply voltages higher than 5.5V
(absolute maximum) can cause permanent damage to
the amplifier. Many specifications apply from –40
°C to
+125
°C. Parameters that vary significantly with
operating voltages or temperature are shown in the
Typical Characteristics.
PCB LAYOUT
As with most high-speed operational amplifiers, board
layout requires special attention to maximize AC and
DC performance. Extensive use of ground planes, short
lead lengths, and high-quality bypass capacitors will
minimize leakage that can compromise signal quality.
Guard rings applied with potential as near to the input
pins as possible help minimize board leakage.
INPUT AND ESD PROTECTION
All OPA30x pins are static protected with internal ESD
protection diodes tied to the supplies, as shown in
Figure 2. These diodes will provide overdrive protection
if the current is externally limited to 10mA, as stated in
the Absolute Maximum Ratings. Any input current
beyond the Absolute Maximum Ratings, or long-term
operation at maximum ratings, will shorten the lifespan
of the amplifier.
External
Pin
+V
−V
Internal
Circuitry
Figure 2. ESD Protection Diodes
ENABLE FUNCTION
The shutdown function of the OPA300 is referenced to
the negative supply voltage of the operational amplifier.
A logic level HIGH enables the op amp. A valid logic
HIGH is defined as 2.5V above the negative supply
applied to the enable pin. A valid logic LOW is defined
as < 0.8V above the negative supply pin. If dual or split
power supplies are used, care should be taken to
ensure logic input signals are properly referred to the
negative supply voltage. If this pin is not connected to
a valid high to low voltage, the internal circuitry will pull
the node high and enable the part to function.
The logic input is a high-impedance CMOS input. For
battery-operated applications, this feature may be used
to greatly reduce the average current and extend
battery life. The enable time is 10
µs; disable time is 1µs.
When disabled, the output assumes a high-impedance
state. This allows the OPA300 to be operated as a gated
amplifier, or to have its output multiplexed onto a
common analog output bus.


Similar Part No. - OPA301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA301 TI-OPA301 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA301 TI1-OPA301 Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA301AID TI-OPA301AID Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA301AID TI1-OPA301AID Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA301AIDBVR TI-OPA301AIDBVR Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com