Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA301 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA301
Description  Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA301 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA301 Datasheet HTML 1Page - Burr-Brown (TI) OPA301 Datasheet HTML 2Page - Burr-Brown (TI) OPA301 Datasheet HTML 3Page - Burr-Brown (TI) OPA301 Datasheet HTML 4Page - Burr-Brown (TI) OPA301 Datasheet HTML 5Page - Burr-Brown (TI) OPA301 Datasheet HTML 6Page - Burr-Brown (TI) OPA301 Datasheet HTML 7Page - Burr-Brown (TI) OPA301 Datasheet HTML 8Page - Burr-Brown (TI) OPA301 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FEATURES
D High Bandwidth: 150MHz
D 16-Bit Settling in 150ns
D Low Noise: 3nV/√Hz
D Low Distortion: 0.003%
D Low Power: 9.5mA (typ) on 5.5V
D Shutdown to 5µA
D Unity Gain Stable
D Excellent Output Swing:
(V+) − 100mV to (V−) + 100mV
D Single Supply: +2.7V to +5.5V
D Tiny Packages: SO-8 and SOT23
APPLICATIONS
D 16-Bit ADC Input Drivers
D Low-Noise Preamplifiers
D IF/RF Amplifiers
D Active Filtering
DESCRIPTION
The OPA300 and OPA301 high-speed, voltage-feed-
back, CMOS operational amplifiers are designed for
16-bit resolution systems. The OPA300 and OPA301
are unity-gain stable and feature excellent settling and
harmonic distortion specifications. Low power applica-
tions benefit from low quiescent current. The OPA300
features digital shutdown (Enable) function to provide
additional power savings during idle periods. Optimized
for single-supply operation, the OPA300 and OPA301
offer superior output swing and excellent common-
mode range.
The OPA300 and OPA301 have 150MHz of unity-gain
bandwidth, low 3nV/
√Hz voltage noise, and 0.1%
settling within 30ns. Single-supply operation from 2.7V
(
±1.35V) to 5.5V (±2.75V) and an available shutdown
function that reduces supply current to 5
µA are useful
for portable low-power applications. The OPA300 and
OPA301 are available in SO-8 and SOT-23 packages,
and are specified over the industrial temperature range
of −40
°C to +125°C.
1
2
3
4
8
7
6
5
Enable
V+
V
OUT
NC
NC
−In
+In
V
OPA300
SO−8
NC = Not Connected
1
2
3
4
8
7
6
5
NC
V+
V
OUT
NC
NC
−In
+In
V
OPA301
SO−8
NC = Not Connected
1
2
3
6
5
4
V+
Enable
−In
Out
V
+In
OPA300
SOT23−6
1
2
3
5
4
V+
−In
Out
V
+In
OPA301
SOT23−5
Typical Application of the OPA300
OPA300
16-Bit
ADC
VIN
OPA300
OPA301
SBOS271A − MAY 2003 − REVISED DECEMBER 2003
Low-Noise, High-Speed, 16-Bit Accurate, CMOS
OPERATIONAL AMPLIFIER
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - OPA301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA301 TI-OPA301 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA301 TI1-OPA301 Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA301AID TI-OPA301AID Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
OPA301AID TI1-OPA301AID Datasheet
1Mb / 27P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA301AIDBVR TI-OPA301AIDBVR Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - OPA301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2300 TI-OPA2300 Datasheet
498Kb / 19P
[Old version datasheet]   Low-Noise, High-Speed, 16-Bit Accurate, CMOS OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA725 BURR-BROWN-OPA725 Datasheet
458Kb / 20P
   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Texas Instruments
OPA726AIDGKTG4 TI1-OPA726AIDGKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
OPA725 TI1-OPA725 Datasheet
1Mb / 28P
[Old version datasheet]   Very Low Noise, High-Speed, 12V CMOS Operational Amplifier
logo
Linear Technology
LT1468 LINER-LT1468_15 Datasheet
228Kb / 16P
   90MHz, 22V/s 16-Bit Accurate Operational Amplifier
LT1468 LINER-LT1468 Datasheet
304Kb / 12P
   90MHz, 22V/us 16-Bit Accurate Operational Amplifier
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
AD8021 AD-AD8021_15 Datasheet
663Kb / 29P
   Low Noise, High Speed Amplifier for 16-Bit Systems
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com