Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT5C1008C-55L Datasheet(PDF) 3 Page - Austin Semiconductor

Part # MT5C1008C-55L
Description  128K x 8 SRAM WITH DUAL CHIP ENABLE AVAILABLE AS MILITARY SPECIFICATIONS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C1008C-55L Datasheet(HTML) 3 Page - Austin Semiconductor

  MT5C1008C-55L Datasheet HTML 1Page - Austin Semiconductor MT5C1008C-55L Datasheet HTML 2Page - Austin Semiconductor MT5C1008C-55L Datasheet HTML 3Page - Austin Semiconductor MT5C1008C-55L Datasheet HTML 4Page - Austin Semiconductor MT5C1008C-55L Datasheet HTML 5Page - Austin Semiconductor MT5C1008C-55L Datasheet HTML 6Page - Austin Semiconductor MT5C1008C-55L Datasheet HTML 7Page - Austin Semiconductor MT5C1008C-55L Datasheet HTML 8Page - Austin Semiconductor MT5C1008C-55L Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C1008
Austin Semiconductor, Inc.
MT5C1008
Rev. 6.5 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
3
ABSOLUTEMAXIMUMRATINGS*
Supply Voltage Range (Vcc)...............................-.5V to +6.0V
Storage Temperature ....................................-65
°C to +150°C
Short Circuit Output Current (per I/O)….......................20mA
Voltage on any Pin Relative to Vss................-.5V to Vcc+1 V
Max Junction Temperature**.......................................+150
°C
Power Dissipation .....................................................................1 W
*Stresses at or greater than those listed under "Absolute Maxi-
mum Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated
in the operation section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended
periods will affect reliability. Refer to page 17 of this
datasheet for a technical note on this subject.
** Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow, and humidity.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
C < 125
oC & -45oC to +85oC; V
CC = 5.0V +10%)
DESCRIPTION
CONDITIONS
SYM
MAX
UNITS
NOTES
Input Capacitance (A0-A16)
CI
12
pF
4
Output Capacitance
CO
14
pF
4
Input Capacitance (CE\, WE\, OE\)
CI
20
pF
4
TA = 25
oC, f = 1MHz
VCC = 5V
CAPACITANCE
SYM
-12
-15
-20
-25
-35
-45
UNITS NOTES
ICCSP
250
180
150
140
135
125
mA
3
ICCLP *
250
180
140
130
125
115
mA
Power Supply
Current: Standby
ISBT
25
25
25
25
25
25
mA
ISBC
10
10
10
10
10
10
mA
PARAMETER
Power Supply
Current: Operating
CE\ < VIL; OE\, WE\, and CE2>VIH
VCC = MAX, f = MAX = 1/tRC (MIN)
Output Open
*L version only
CE\ > VCC -0.2V; VCC = MAX
VIL < VSS -0.2V
VIH > VCC -0.2V; F = 0 Hz
CE\=VIH, CE2=VIL; Other Inputs at
<VIL, >VIH, VCC = MAX
f = 0 Hz
MAX
CONDITIONS
DESCRIPTION
CONDITIONS
SYM
MIN
MAX
UNITS
NOTES
Input High (Logic 1) Voltage
VIH
2.2
VCC+0.5
V1
Input Low (Logic 0) Voltage
VIL
-0.5
0.8
V
1, 2
Input Leakage Current
0V<VIN<VCC
ILI
-10
10
µA
Output Leakage Current
Output(s) disabled
0V<VOUT<VCC
ILO
-10
10
µA
Output High Voltage
IOH=-4.0mA
VOH
2.4
V
1
Output Low Voltage
IOL=8.0mA
VOL
0.4
V
1


Similar Part No. - MT5C1008C-55L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1008C-30LL/MIL AUSTIN-MT5C1008C-30LL/MIL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
More results

Similar Description - MT5C1008C-55L

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1009 AUSTIN-MT5C1009 Datasheet
254Kb / 17P
   128K x 8 SRAM WITH CHIP & OUTPUT ENABLE
AS8ERLC128K32 AUSTIN-AS8ERLC128K32 Datasheet
559Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
AS8ER128K32 AUSTIN-AS8ER128K32_05 Datasheet
556Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
MT5C1008LL AUSTIN-MT5C1008LL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
   128K x 8 SRAM
logo
Austin Semiconductor
AS8ER128K32 AUSTIN-AS8ER128K32_03 Datasheet
183Kb / 17P
   128K x 32 EEPROM Radiation Tolerant EEPROM Memory Array AVAILABLE AS MILITARY
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com