Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F613K Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 5Page - Cypress Semiconductor MB95F613K Datasheet HTML 6Page - Cypress Semiconductor MB95F613K Datasheet HTML 7Page - Cypress Semiconductor MB95F613K Datasheet HTML 8Page - Cypress Semiconductor MB95F613K Datasheet HTML 9Page - Cypress Semiconductor MB95F613K Datasheet HTML 10Page - Cypress Semiconductor MB95F613K Datasheet HTML 11Page - Cypress Semiconductor MB95F613K Datasheet HTML 12Page - Cypress Semiconductor MB95F613K Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 9 of 110
PRELIMINARY
MB95610H Series
5. Pin Functions
(Continued)
Pin no. Pin name I/O circuit type*1
Function
I/O type
Input
Output OD*2 PU*3
1
P12
A
General-purpose I/O port
Hysteresis
CMOS
DBG
DBG input pin
2
P13
B
General-purpose I/O port
Hysteresis
CMOS
UO0
UART/SIO ch. 0 data output pin
3
P14
B
General-purpose I/O port
Hysteresis
CMOS
UCK0
UART/SIO ch. 0 clock I/O pin
4
P15
B
General-purpose I/O port
Hysteresis
CMOS
UI0
UART/SIO ch. 0 data input pin
5
P52
B
General-purpose I/O port
Hysteresis
CMOS
TO00
8/16-bit composite timer ch. 0 output pin
6
P51
B
General-purpose I/O port
Hysteresis
CMOS
EC0
8/16-bit composite timer ch. 0 clock input pin
7
P50
B
General-purpose I/O port
Hysteresis
CMOS
TO01
8/16-bit composite timer ch. 0 output pin
8
PF2
C
General-purpose I/O port
Hysteresis
CMOS
RST
Reset pin
Dedicated reset pin on MB95F613H/F614H/F616H
9
P94
D
General-purpose I/O port
Hysteresis
CMOS
V0
LCD drive power supply pin
10
P93
D
General-purpose I/O port
Hysteresis
CMOS
V1
LCD drive power supply pin
11
P92
D
General-purpose I/O port
Hysteresis
CMOS
V2
LCD drive power supply pin
12
P91
D
General-purpose I/O port
Hysteresis
CMOS
V3
LCD drive power supply pin
13
P90
D
General-purpose I/O port
Hysteresis
CMOS
V4
LCD drive power supply pin
14
VCC
Power supply pin
15
PG1
E
General-purpose I/O port
Hysteresis
CMOS
X0A
Subclock input oscillation pin (32 kHz)
16
PG2
E
General-purpose I/O port
Hysteresis
CMOS
X1A
Subclock I/O oscillation pin (32 kHz)
17
C
Decoupling capacitor connection pin
18
PF0
F
General-purpose I/O port
Hysteresis
CMOS
X0
Main clock input oscillation pin
19
PF1
F
General-purpose I/O port
Hysteresis
CMOS
X1
Main clock I/O oscillation pin
20
VSS
Power supply pin (GND)


Similar Part No. - MB95F613K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F632H CYPRESS-MB95F632H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F632HP-G-SH-SNE2 CYPRESS-MB95F632HP-G-SH-SNE2 Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F632HPMC-G-SNE2 CYPRESS-MB95F632HPMC-G-SNE2 Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F632HWQN-G-SNE1 CYPRESS-MB95F632HWQN-G-SNE1 Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95F632K CYPRESS-MB95F632K Datasheet
4Mb / 102P
   F2MC-8FX CPU core
More results

Similar Description - MB95F613K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
   F2MC-8FX CPU core
logo
Fujitsu Component Limit...
MB95F168JAPMC1-GE1 FUJITSU-MB95F168JAPMC1-GE1 Datasheet
530Kb / 21P
   F2MC-8FX MB95160MA Series
logo
Cypress Semiconductor
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
   F2MC-16FX CPU
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com