Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0747579005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0747579005
Description  QSFP-to-QSFP Cable Assembly, 28 AWG, 10.0m Length
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0747579005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0747579005 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/19/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0747579005
Status:
Active
Overview:
QSFP+ Interconnect Solution
Description:
QSFP-to-QSFP Cable Assembly, 28 AWG, 10.0m Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification TS-74757-0011-001 (PDF)
Agency Certification
UL
E72548
General
Product Family
Cable Assemblies
Series
74757
Assembly Configuration
Dual Ended Connectors
Connector to Connector
QSFP-to-QSFP
Overview
QSFP+ Interconnect Solution
Product Name
QSFP
UPC
883906399542
Physical
Cable Length
10.0m
Circuits (Loaded)
MSA
Gender
Plug
Lock to Mating Part
Yes
Single Ended
No
Wire Size AWG
28
Wire/Cable Type
Round
Electrical
Impedance
100Ω
Material Info
Reference - Drawing Numbers
Product Specification
TS-74757-0011-001
Sales Drawing
SD-74757-0001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
74757 Series
Mates With
75586 38 Circuit iPass™ SMT Connector
Use With
74750 , 74768 , 74769 EMI Cage
This document was generated on 12/19/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0747579005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0747579001 MOLEX11-0747579001 Datasheet
53Kb / 1P
   QSFP-to-QSFP Cable Assembly, 30 AWG, 10.0m Length
0747579003 MOLEX11-0747579003 Datasheet
53Kb / 1P
   QSFP-to-QSFP Cable Assembly, 26 AWG, 10.0m Length
0747579004 MOLEX11-0747579004 Datasheet
53Kb / 1P
   QSFP-to-QSFP Cable Assembly, 24 AWG, 10.0m Length
More results

Similar Description - 0747579005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1110409010 MOLEX11-1110409010 Datasheet
53Kb / 1P
   QSFP-to-QSFP Cable Assembly, 30 AWG, 10.0m Length
0747579004 MOLEX11-0747579004 Datasheet
53Kb / 1P
   QSFP-to-QSFP Cable Assembly, 24 AWG, 10.0m Length
0747579001 MOLEX11-0747579001 Datasheet
53Kb / 1P
   QSFP-to-QSFP Cable Assembly, 30 AWG, 10.0m Length
0747579003 MOLEX11-0747579003 Datasheet
53Kb / 1P
   QSFP-to-QSFP Cable Assembly, 26 AWG, 10.0m Length
1110402204 MOLEX11-1110402204 Datasheet
52Kb / 1P
   QSFP-to-QSFP Cable Assembly, 28 AWG, 2.0m Length
1110402404 MOLEX11-1110402404 Datasheet
52Kb / 1P
   QSFP-to-QSFP Cable Assembly, 28 AWG, 4.0m Length
0747572501 MOLEX11-0747572501 Datasheet
53Kb / 1P
   QSFP-to-QSFP Cable Assembly, 28 AWG, 5.0m Length
1110402704 MOLEX11-1110402704 Datasheet
52Kb / 1P
   QSFP-to-QSFP Cable Assembly, 28 AWG, 7.0m Length
0747572201 MOLEX11-0747572201 Datasheet
52Kb / 1P
   QSFP-to-QSFP Cable Assembly, 28 AWG, 2.0m Length
0747572301 MOLEX11-0747572301 Datasheet
53Kb / 1P
   QSFP-to-QSFP Cable Assembly, 28 AWG, 3.0m Length
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com