Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88155-100 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB88155-100
Description  Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB88155-100 Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB88155-100 Datasheet HTML 1Page - Cypress Semiconductor MB88155-100 Datasheet HTML 2Page - Cypress Semiconductor MB88155-100 Datasheet HTML 3Page - Cypress Semiconductor MB88155-100 Datasheet HTML 4Page - Cypress Semiconductor MB88155-100 Datasheet HTML 5Page - Cypress Semiconductor MB88155-100 Datasheet HTML 6Page - Cypress Semiconductor MB88155-100 Datasheet HTML 7Page - Cypress Semiconductor MB88155-100 Datasheet HTML 8Page - Cypress Semiconductor MB88155-100 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Document Number: 002-08298 Rev. *A
Page 4 of 27
MB88155
2. Pin Assignment
3. Pin Description
1
2
3
4
8
7
6
5
XIN
XOUT
ENS
SEL
VDD
CKOUT
VSS
REFOUT
1
2
3
4
8
7
6
5
XIN
XOUT
XPD
SEL
VDD
CKOUT
VSS
REFOUT
MB88155
-xx0
-xx1
MB88155
-xx2
-xx3
FPT-8P-M07
Pin name
I/O
Pin no.
Description
XIN
I
1
Connection pin of resonator/clock input pin
XOUT
O
2
Connection pin of resonator
ENS/XPD
I
3
Modulation enable pin/power down pin
SEL
I
4
Modulation rate setting pin
Down spread, SEL
 “L” : Modulation rate  1.0
Down spread, SEL
 “H” : Modulation rate  2.0
Down spread, SEL
 “L” : Modulation rate  0.5
Down spread, SEL
 “H” : Modulation rate  1.0
REFOUT
O
5
Non-modulated clock output pin
This pin becomes to“L” at power-down.
VSS
6GND Pin
CKOUT
O
7
Modulated clock output pin
This pin becomes to“L” at power-down.
VDD
8
Power supply voltage pin


Similar Part No. - MB88155-100

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88155-100 FUJITSU-MB88155-100 Datasheet
216Kb / 24P
   Spread Spectrum Clock Generator
MB88155-100 FUJITSU-MB88155-100 Datasheet
209Kb / 24P
   Spread Spectrum Clock Generator
More results

Similar Description - MB88155-100

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
   50 MHz to 1 GHz Frequency Range
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
logo
KR Electronics, Inc.
2894 KR-2894 Datasheet
41Kb / 2P
   50 MHz Cutoff Frequency
logo
Silicon Laboratories
SIM3L1XX SILABS-SIM3L1XX Datasheet
2Mb / 91P
   50 MHz maximum frequency
logo
Pasternack Enterprises,...
PE8602 PASTERNACK-PE8602 Datasheet
221Kb / 3P
   50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000 MHz
logo
KR Electronics, Inc.
3150 KR-3150 Datasheet
97Kb / 3P
   1 MHz Notch Frequency
3142 KR-3142 Datasheet
101Kb / 3P
   1 MHz Notch Frequency
logo
API Technologies Corp
SF0869BA02630S APITECH-SF0869BA02630S Datasheet
187Kb / 3P
   869 MHz SAW Filter 12.5 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02630S SPECTRUM-SF0869BA02630S Datasheet
187Kb / 3P
   869 MHz SAW Filter 12.5 MHz Bandwidth
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
   Input/Output clock frequency up to 160 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com