Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB88155 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB88155
Description  Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB88155 Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB88155 Datasheet HTML 1Page - Cypress Semiconductor MB88155 Datasheet HTML 2Page - Cypress Semiconductor MB88155 Datasheet HTML 3Page - Cypress Semiconductor MB88155 Datasheet HTML 4Page - Cypress Semiconductor MB88155 Datasheet HTML 5Page - Cypress Semiconductor MB88155 Datasheet HTML 6Page - Cypress Semiconductor MB88155 Datasheet HTML 7Page - Cypress Semiconductor MB88155 Datasheet HTML 8Page - Cypress Semiconductor MB88155 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MB88155
Spread Spectrum Clock Generator
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 002-08298 Rev. *A
Revised December 21, 2016
MB88155 is a clock generator for EMI (Electro Magnetic Interference) reduction. The peak of unnecessary radiation noise (EMI) can
be attenuated by making the oscillation frequency slightly modulate periodically with the internal modulator. For modulation, the
MB88155 supports both center-spreading and down-spreading. It has a non-modulated clock output pin (REFOUT) as well as a
modulated clock output pin (CKOUT) .
Features
Input frequency : 12.5 MHz to 50 MHz (Multiplied by 1)
12.5 MHz to 20 MHz (Multiplied by 4)
Output frequency : CKOUT
12.5 MHz to 80 MHz
REFOUT
The same as input frequency (not multiplied)
Modulation rate :
0.5,  1.0 (center spread) , 1.0,  2.0 (Down spread)
Equipped with oscillation circuit : range of oscillation 12.5 MHz to 40 MHz (Fundamental oscillation)
40 MHz to 48 MHz (3rd overtone)
Modulation clock output Duty : 40 to 60
Modulation clock cycle
cycle jitter : MB88155-1xx 12.5 MHz to 20 MHz
less than 150 ps
MB88155-1xx
20 MHz to 50 MHz
less than 100 ps
MB88155-4xx
less than 200 ps
Low current consumption by CMOS process : 5 mA (24 MHz : Typ-sample, no load)
Power supply voltage : 3.3 V
0.3 V
Operating temperature :
40 °C to 85 °C
Package : 8-pin plastic TSSOP


Similar Part No. - MB88155

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88155 FUJITSU-MB88155 Datasheet
216Kb / 24P
   Spread Spectrum Clock Generator
MB88155 FUJITSU-MB88155 Datasheet
209Kb / 24P
   Spread Spectrum Clock Generator
MB88155 FUJITSU-MB88155 Datasheet
394Kb / 4P
   Spread Spectrum Clock Generator
MB88155-100 FUJITSU-MB88155-100 Datasheet
216Kb / 24P
   Spread Spectrum Clock Generator
MB88155-100 FUJITSU-MB88155-100 Datasheet
209Kb / 24P
   Spread Spectrum Clock Generator
More results

Similar Description - MB88155

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A1014 PASTERNACK-PE15A1014 Datasheet
428Kb / 6P
   50 MHz to 1 GHz Frequency Range
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
logo
KR Electronics, Inc.
2894 KR-2894 Datasheet
41Kb / 2P
   50 MHz Cutoff Frequency
logo
Silicon Laboratories
SIM3L1XX SILABS-SIM3L1XX Datasheet
2Mb / 91P
   50 MHz maximum frequency
logo
Pasternack Enterprises,...
PE8602 PASTERNACK-PE8602 Datasheet
221Kb / 3P
   50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000 MHz
logo
KR Electronics, Inc.
3150 KR-3150 Datasheet
97Kb / 3P
   1 MHz Notch Frequency
3142 KR-3142 Datasheet
101Kb / 3P
   1 MHz Notch Frequency
logo
API Technologies Corp
SF0869BA02630S APITECH-SF0869BA02630S Datasheet
187Kb / 3P
   869 MHz SAW Filter 12.5 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02630S SPECTRUM-SF0869BA02630S Datasheet
187Kb / 3P
   869 MHz SAW Filter 12.5 MHz Bandwidth
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
   Input/Output clock frequency up to 160 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com