Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4637-1ARZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4637-1ARZ
Description  30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4637-1ARZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4637-1ARZ Datasheet HTML 2Page - Analog Devices ADA4637-1ARZ Datasheet HTML 3Page - Analog Devices ADA4637-1ARZ Datasheet HTML 4Page - Analog Devices ADA4637-1ARZ Datasheet HTML 5Page - Analog Devices ADA4637-1ARZ Datasheet HTML 6Page - Analog Devices ADA4637-1ARZ Datasheet HTML 7Page - Analog Devices ADA4637-1ARZ Datasheet HTML 8Page - Analog Devices ADA4637-1ARZ Datasheet HTML 9Page - Analog Devices ADA4637-1ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADA4627-1/ADA4637-1
Data Sheet
Rev. F | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
Figure 4. Voltage Noise Density vs. Frequency
Figure 5. Open-Loop Gain vs. Temperature
Figure 6. CMRR vs. Frequency
Figure 7. Open-Loop Gain and Phase vs. Frequency
Figure 8. Closed-Loop ZOUT vs. Frequency
Figure 9. VOS vs. Common-Mode Voltage
1
10
100
0.01
0.1
1
10
FREQUENCY (kHz)
ADA4627-1
TA = 25°C
VSY = ±15V
60
80
100
120
140
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
RL = 1kΩ
RL = 600Ω
ADA4627-1
TA = 25°C
VSY = ±15V
VO = ±11V
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4627-1
TA = 25°C
VSY = ±15V
–40
–20
0
20
40
60
80
100
120
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
ADA4627-1
TA = 25°C
VSY = ±15V
19.1MHz
78°
0.01
0.1
1
10
100
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AV = –100
AV = –10
AV = –1
ADA4627-1
TA = 25°C
VSY = ±15V
150
100
50
0
–50
–100
–150
–15
–10
–5
0
5
10
15
VCM (V)
ADA4627-1
TA = 25°C
VSY = ±15V


Similar Part No. - ADA4637-1ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4637-1ARZ AD-ADA4637-1ARZ Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
ADA4637-1ARZ AD-ADA4637-1ARZ Datasheet
761Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current
Rev. E
ADA4637-1ARZ-R7 AD-ADA4637-1ARZ-R7 Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
ADA4637-1ARZ-R7 AD-ADA4637-1ARZ-R7 Datasheet
761Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current
Rev. E
ADA4637-1ARZ-RL AD-ADA4637-1ARZ-RL Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
More results

Similar Description - ADA4637-1ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4627-1 AD-ADA4627-1_10 Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
ADA4627-1 AD-ADA4627-1 Datasheet
626Kb / 16P
   36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
REV. A
ADA4627-1ARZ AD-ADA4627-1ARZ Datasheet
761Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current
Rev. E
OP41AJ AD-OP41AJ Datasheet
505Kb / 11P
   Low-Bias-Current, High-Stability JFET Operational Amplifier
OP-41 AD-OP-41_15 Datasheet
3Mb / 11P
   LOW BIAS CURRENT HIGH STABILITY JFET OPERATIONAL AMPLIFIER
OP-41 AD-OP-41 Datasheet
505Kb / 6P
   LOW-BIAS-CURRENT, HIGH-STABILITY JFET OPERATIONAL AMPLIFIER
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com