Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4859-3ACP-EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4859-3ACP-EBZ
Description  Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4859-3ACP-EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4859-3ACP-EBZ Datasheet HTML 2Page - Analog Devices ADA4859-3ACP-EBZ Datasheet HTML 3Page - Analog Devices ADA4859-3ACP-EBZ Datasheet HTML 4Page - Analog Devices ADA4859-3ACP-EBZ Datasheet HTML 5Page - Analog Devices ADA4859-3ACP-EBZ Datasheet HTML 6Page - Analog Devices ADA4859-3ACP-EBZ Datasheet HTML 7Page - Analog Devices ADA4859-3ACP-EBZ Datasheet HTML 8Page - Analog Devices ADA4859-3ACP-EBZ Datasheet HTML 9Page - Analog Devices ADA4859-3ACP-EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
ADA4859-3
Rev. A | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
6 V
Internal Power Dissipation1
16-Lead LFCSP
See Figure 2
Input Voltage (Common-Mode)
(−V
S − 0.2 V) to (+VS − 1.8 V)
Differential Input Voltage
±V
S
Output Short-Circuit Duration
Observe power derating curves
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +105°C
Lead Temperature
(Soldering, 10 sec)
300°C
1 Specification is for device in free air.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
ADA4859-3 is limited by the associated rise in junction
temperature. The maximum safe junction temperature
for plastic encapsulated devices is determined by the glass
transition temperature of the plastic, approximately 150°C.
Temporarily exceeding this limit may cause a shift in parametric
performance due to a change in the stresses exerted on the die
by the package. Exceeding a junction temperature of 175°C for
an extended period can result in device failure.
To ensure proper operation, it is necessary to observe the
maximum power derating curves in Figure 2.
2.5
2.0
1.5
1.0
0.5
0
–40
–20
0
20
40
60
80
100
AMBIENT TEMPERATURE (°C)
Figure 2. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION


Similar Part No. - ADA4859-3ACP-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4859-3ACPZ-R2 AD-ADA4859-3ACPZ-R2 Datasheet
442Kb / 16P
   Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
REV. 0
ADA4859-3ACPZ-R7 AD-ADA4859-3ACPZ-R7 Datasheet
442Kb / 16P
   Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
REV. 0
ADA4859-3ACPZ-RL AD-ADA4859-3ACPZ-RL Datasheet
442Kb / 16P
   Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
REV. 0
More results

Similar Description - ADA4859-3ACP-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4859-3 AD-ADA4859-3 Datasheet
442Kb / 16P
   Single-Supply, Fixed G = 2, High Speed, Video Amplifier with Charge Pump
REV. 0
ADA4856-3 AD-ADA4856-3 Datasheet
513Kb / 20P
   Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
REV. 0
ADA4856-3 AD-ADA4856-3_16 Datasheet
573Kb / 21P
   Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
logo
Renesas Technology Corp
ISL59833 RENESAS-ISL59833 Datasheet
719Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
logo
Intersil Corporation
ISL59833 INTERSIL-ISL59833 Datasheet
339Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
ISL59833IAZ INTERSIL-ISL59833IAZ Datasheet
342Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
March 5, 2007
logo
Analog Devices
ADA4858-3 AD-ADA4858-3 Datasheet
468Kb / 16P
   Single-Supply, High Speed, Triple Op Amp with Charge Pump
REV. 0
ADA4858-3 AD-ADA4858-3_16 Datasheet
439Kb / 21P
   Single-Supply, High Speed, Triple Op Amp with Charge Pump
logo
Renesas Technology Corp
ISL59832 RENESAS-ISL59832 Datasheet
1Mb / 15P
   Dual Channel, Single Supply Video Reconstruction Filter with Charge Pump
logo
Intersil Corporation
ISL59831 INTERSIL-ISL59831 Datasheet
613Kb / 11P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com