Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4898-1YRDZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4898-1YRDZ
Description  High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4898-1YRDZ Datasheet(HTML) 1 Page - Analog Devices

  ADA4898-1YRDZ Datasheet HTML 1Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 2Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 3Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 4Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 5Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 6Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 7Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 8Page - Analog Devices ADA4898-1YRDZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Voltage, Low Noise, Low Distortion,
Unity-Gain Stable, High Speed Op Amp
Data Sheet
ADA4898-1/ADA4898-2
FEATURES
Ultralow noise
0.9 nV/√Hz
2.4 pA/√Hz
1.2 nV/√Hz at 10 Hz
Ultralow distortion: −93 dBc at 500 kHz
Wide supply voltage range: ±5 V to ±16 V
High speed
−3 dB bandwidth: 65 MHz (G = +1)
Slew rate: 55 V/µs
Unity gain stable
Low input offset voltage: 160 µV maximum
Low input offset voltage drift: 1 μV/°C
Low input bias current: −0.1 µA
Low input bias current drift: 2 nA/°C
Supply current: 8 mA
Power-down feature for single 8-lead package
APPLICATIONS
Instrumentation
Active filters
DAC buffers
SAR ADC drivers
Optoelectronics
CONNECTION DIAGRAM
NC 1
–IN 2
+IN 3
–VS 4
PD
8
+VS
7
VOUT
6
NC
5
NC = NO CONNECT
TOP VIEW
(Not to Scale)
ADA4898-1
Figure 1. Single 8-Lead ADA4898-1 SOIC_N_EP (RD-8-1)
VOUT1 1
–IN1 2
+IN1 3
–VS 4
+VS
8
VOUT2
7
–IN2
6
+IN2
5
ADA4898-2
TOP VIEW
(Not to Scale)
Figure 2. Dual 8-Lead ADA4898-2 SOIC_N_EP (RD-8-2)
GENERAL DESCRIPTION
The ADA4898-1/ADA4898-2 are ultralow noise and distortion,
unity gain stable, voltage feedback op amps that are ideal for use in
16-bit and 18-bit systems with power supplies from ±5 V to
±16 V. The ADA4898-1/ADA4898-2 feature a linear, low noise
input stage and internal compensation that achieves high slew rates
and low noise.
With the wide supply voltage range, low offset voltage, and wide
bandwidth, the ADA4898-1/ADA4898-2 are extremely versatile,
and feature a cancellation circuit that reduces input bias current.
The ADA4898-1/ADA4898-2 are available in an 8-lead SOIC
package that features an exposed metal paddle to improve power
dissipation and heat transfer to the negative supply plane. This
EPAD offers a significant thermal relief over traditional plastic
packages. The ADA4898-1/ADA4898-2 are rated to work over
the extended industrial temperature range of −40°C to +105°C.
FREQUENCY (Hz)
1
0.1
1
10
0.1
1
10
10
100
1k
10k
100k
CURRENT
VOLTAGE
Figure 3. Input Voltage Noise and Current Noise vs. Frequency
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADA4898-1YRDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4898-1YRDZ AD-ADA4898-1YRDZ Datasheet
432Kb / 16P
   High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
REV. 0
ADA4898-1YRDZ AD-ADA4898-1YRDZ Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
ADA4898-1YRDZ-R7 AD-ADA4898-1YRDZ-R7 Datasheet
432Kb / 16P
   High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
REV. 0
ADA4898-1YRDZ-R7 AD-ADA4898-1YRDZ-R7 Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
ADA4898-1YRDZ-RL AD-ADA4898-1YRDZ-RL Datasheet
432Kb / 16P
   High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
REV. 0
More results

Similar Description - ADA4898-1YRDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4898-1 AD-ADA4898-1 Datasheet
432Kb / 16P
   High Voltage, Low Noise, Low Distortion, Unity Gain Stable, High Speed Op Amp
REV. 0
ADA4898-2YRDZ AD-ADA4898-2YRDZ Datasheet
408Kb / 20P
   High Voltage, Low Noise, Low Distortion,Unity-Gain Stable, High Speed Op Amp
REV. D
ADA4899-1 AD-ADA4899-1_16 Datasheet
695Kb / 21P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?뺿z Voltage Noise, High Speed Op Amp
ADA4899-1 AD-ADA4899-1_07 Datasheet
650Kb / 20P
   Unity-Gain Stable, Ultralow Distortion, 1 nV/?숰z Voltage Noise, High Speed Op Amp
REV. B
ADA4899-1 AD-ADA4899-1 Datasheet
617Kb / 20P
   Unity Gain Stable, Ultralow Distortion, 1 nV/ Hz Voltage Noise, High Speed Op Amp
REV. A
ADA4857-1 AD-ADA4857-1 Datasheet
584Kb / 20P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
REV. 0
ADA4857-1 AD-ADA4857-1_17 Datasheet
552Kb / 21P
   Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
logo
Intersil Corporation
EL2344 INTERSIL-EL2344 Datasheet
253Kb / 12P
   Triple Low-Power 60MHz Unity-Gain Stable Op Amp
logo
Elantec Semiconductor
EL2244C ELANTEC-EL2244C Datasheet
445Kb / 16P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
logo
Intersil Corporation
EL2444 INTERSIL-EL2444 Datasheet
285Kb / 11P
   Dual/Quad Low-Power 120MHz Unity-Gain Stable Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com