Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4627-1ARZ-RL Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4627-1ARZ-RL
Description  30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4627-1ARZ-RL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4627-1ARZ-RL Datasheet HTML 3Page - Analog Devices ADA4627-1ARZ-RL Datasheet HTML 4Page - Analog Devices ADA4627-1ARZ-RL Datasheet HTML 5Page - Analog Devices ADA4627-1ARZ-RL Datasheet HTML 6Page - Analog Devices ADA4627-1ARZ-RL Datasheet HTML 7Page - Analog Devices ADA4627-1ARZ-RL Datasheet HTML 8Page - Analog Devices ADA4627-1ARZ-RL Datasheet HTML 9Page - Analog Devices ADA4627-1ARZ-RL Datasheet HTML 10Page - Analog Devices ADA4627-1ARZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADA4627-1/ADA4637-1
Rev. F | Page 7 of 20
Figure 10. PSRR vs. Frequency
Figure 11. Supply Current vs. Supply Voltage and Temperature
Figure 12. PSRR vs. Temperature
Figure 13. CMRR vs. Temperature
Figure 14. VOUT Sinking vs. ILOAD Current
Figure 15. VOUT Sourcing vs. ILOAD Current
0
20
40
60
80
100
120
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
PSRR+
PSRR–
ADA4627-1
TA = 25°C
VSY = ±15V
0
1
2
3
4
5
6
7
8
0
4
8
12
16
20
24
28
32
36
SUPPLY VOLTAGE (V)
+125ºC
+85ºC
+25ºC
–40ºC
ADA4627-1
100
110
120
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
ADA4627-1
RL =
±4.5V < VSY < ±18V
60
70
80
90
100
110
120
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
ADA4627-1
VSY = ±15V
VCM = ±11.5V
0.001
1
10
20
0.01
0.1
1
100
10
ILOAD (mA)
ADA4627-1
TA = 25°C
VSY = ±15V
0.001
1
10
20
0.01
0.1
1
100
10
ILOAD (mA)
ADA4627-1
TA = 25°C
VSY = ±15V


Similar Part No. - ADA4627-1ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4627-1ARZ-RL AD-ADA4627-1ARZ-RL Datasheet
626Kb / 16P
   36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
REV. A
ADA4627-1ARZ-RL AD-ADA4627-1ARZ-RL Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
ADA4627-1ARZ-RL AD-ADA4627-1ARZ-RL Datasheet
761Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current
Rev. E
More results

Similar Description - ADA4627-1ARZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4627-1 AD-ADA4627-1_10 Datasheet
692Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current, JFET Operational Amplifier
Rev. C
ADA4627-1 AD-ADA4627-1 Datasheet
626Kb / 16P
   36 V, 19 MHz, Low Noise, Low Bias Current, JFET Operational Amplifier
REV. A
ADA4627-1ARZ AD-ADA4627-1ARZ Datasheet
761Kb / 20P
   30 V, High Speed, Low Noise, Low Bias Current
Rev. E
OP41AJ AD-OP41AJ Datasheet
505Kb / 11P
   Low-Bias-Current, High-Stability JFET Operational Amplifier
OP-41 AD-OP-41_15 Datasheet
3Mb / 11P
   LOW BIAS CURRENT HIGH STABILITY JFET OPERATIONAL AMPLIFIER
OP-41 AD-OP-41 Datasheet
505Kb / 6P
   LOW-BIAS-CURRENT, HIGH-STABILITY JFET OPERATIONAL AMPLIFIER
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8620 AD-AD8620 Datasheet
414Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
REV. D
ADA4001-2 AD-ADA4001-2_16 Datasheet
403Kb / 13P
   Low Noise, Low Input Bias Current, Rail-to-Rail Output, JFET Dual Operational Amplifier
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com