Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4500-2ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4500-2ARMZ
Description  10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4500-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 9Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 10Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 11Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 12Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 13Page - Analog Devices ADA4500-2ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Data Sheet
ADA4500-2
Rev. A | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
100
90
80
70
60
50
40
30
20
10
0
–120 –100 –80 –60 –40 –20
0
20
40
60
80
100 120
VOS (µV)
ADA4500-2
VSY = 2.7V
VCM = VSY/2
Figure 5. Input Offset Voltage Distribution, VSY = 2.7 V
35
30
25
20
15
10
5
0
0
8.75
7.50
6.25
5.00
3.75
2.50
1.25
TCVOS (µV/°C)
ADA4500-2
VSY = 2.7V
VCM = VSY/2
–40°C ≤ TA ≤ +125°C
Figure 6. Input Offset Voltage Drift Distribution, VSY = 2.7 V
100
–100
–80
–60
–40
–20
0
20
40
60
80
–0.2
2.8
2.3
1.8
1.3
0.8
0.3
VCM (V)
ADA4500-2
VSY = 2.7V
Figure 7. Input Offset Voltage (VOS) vs. Common-ModeVoltage (VCM), VSY = 2.7 V
100
90
80
70
60
50
40
30
20
10
0
–120 –100 –80 –60 –40 –20
0
20
40
60
80
100 120
VOS (µV)
ADA4500-2
VSY = 5.0V
VCM = VSY/2
Figure 8. Input Offset Voltage Distribution, VSY = 5.0 V
35
30
25
20
15
10
5
0
0
8.75
7.50
6.25
5.00
3.75
2.50
1.25
TCVOS (µV/°C)
ADA4500-2
VSY = 5.0V
VCM = VSY/2
–40°C ≤ TA ≤ +125°C
Figure 9. Input Offset Voltage Drift Distribution, VSY = 5.0 V
–0.2
2.8
4.8
3.8
1.8
0.8
100
–100
–80
–60
–40
–20
0
20
40
60
80
VCM (V)
ADA4500-2
VSY = 5.0V
Figure 10. Input Offset Voltage (VOS) vs.Common-ModeVoltage (VCM), VSY = 5.0 V


Similar Part No. - ADA4500-2ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4500-2ARMZ AD-ADA4500-2ARMZ Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
ADA4500-2ARMZ AD-ADA4500-2ARMZ Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2ARMZ-R7 AD-ADA4500-2ARMZ-R7 Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
ADA4500-2ARMZ-R7 AD-ADA4500-2ARMZ-R7 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2ARMZ-RL AD-ADA4500-2ARMZ-RL Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
More results

Similar Description - ADA4500-2ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
ADA4505-4 AD-ADA4505-4 Datasheet
825Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
AD8506 AD-AD8506_07 Datasheet
535Kb / 20P
   20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
AD8505 AD-AD8505_16 Datasheet
655Kb / 20P
   20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
logo
Texas Instruments
TLV369 TI1-TLV369 Datasheet
1Mb / 27P
[Old version datasheet]   Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion
LMV951 TI1-LMV951 Datasheet
1Mb / 29P
[Old version datasheet]   1-V, 2.7-MHz, Zero Crossover Rail-to-Rail Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com