Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4091-4 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4091-4
Description  Precision Micropower, OVP, RRIO Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4091-4 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4091-4 Datasheet HTML 3Page - Analog Devices ADA4091-4 Datasheet HTML 4Page - Analog Devices ADA4091-4 Datasheet HTML 5Page - Analog Devices ADA4091-4 Datasheet HTML 6Page - Analog Devices ADA4091-4 Datasheet HTML 7Page - Analog Devices ADA4091-4 Datasheet HTML 8Page - Analog Devices ADA4091-4 Datasheet HTML 9Page - Analog Devices ADA4091-4 Datasheet HTML 10Page - Analog Devices ADA4091-4 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
ADA4091-2/ADA4091-4
Rev. H | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VOS (µV)
0
20
40
60
80
100
120
140
160
180
200
–250 –200 –150 –100
–50
0
50
100
150
200
250
ADA4091-2
TA = 25°C
VSY = ±1.5V
Figure 5. Input Offset Voltage Distribution
TCVOS (µV/°C)
0
50
100
150
200
250
300
ADA4091-2
–40°C ≤ TA ≤ +125°C
VSY = ±1.5V
–1
0
1
2
3
4
5
6
7
8
Figure 6. TCVOS Distribution
–150
–100
–50
0
50
100
150
200
250
300
350
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
VCM (V)
ADA4091-2
VSY = ±1.5V
–40°C
+25°C
+85°C
+125°C
Figure 7. Input Bias Current vs. Common-Mode Voltage
0.1
0.001
0.01
0.1
1
10
100
1
10
100
10,000
1000
ADA4091-2
VSY = ±1.5V
LOAD CURRENT (mA)
VOL – VSS
VDD – VOH
Figure 8. Dropout Voltage vs. Load Current
–20
0
20
40
60
80
100
–20
0
20
40
60
80
100
GAIN
PHASE
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4091-2
VSY = ±1.5V
RL = 1MΩ
CL = 35pF
Figure 9. Open-Loop Gain and Phase vs. Frequency
–20
–10
0
10
20
30
40
50
10
100
1k
10k
100k
1M
10M
ADA4091-2
VSY = ±1.5V
RL = 1MΩ
CL = 35pF
AV = 100
AV = 10
AV = 1
FREQUENCY (Hz)
Figure 10. Closed-Loop Gain vs. Frequency


Similar Part No. - ADA4091-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4091-4 AD-ADA4091-4 Datasheet
478Kb / 20P
   Precision Micropower, OVP, RRIO Operational Amplifier
Rev. E
ADA4091-4 AD-ADA4091-4 Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output Amplifier
REV. A
ADA4091-4 AD-ADA4091-4 Datasheet
550Kb / 20P
   30 V, Micropower, Overvoltage Protection
REV. A
ADA4091-4 AD-ADA4091-4 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
ADA4091-4ACPZ-R2 AD-ADA4091-4ACPZ-R2 Datasheet
478Kb / 20P
   Precision Micropower, OVP, RRIO Operational Amplifier
Rev. E
More results

Similar Description - ADA4091-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4091-2 AD-ADA4091-2 Datasheet
478Kb / 20P
   Precision Micropower, OVP, RRIO Operational Amplifier
Rev. E
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
AD8657 AD-AD8657_11 Datasheet
677Kb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. A
AD8657 AD-AD8657 Datasheet
1Mb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133_11 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Analog Devices
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com