Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXB7846EUE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MXB7846EUE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller with Internal Reference and Temperature Sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7846EUE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MXB7846EUE Datasheet HTML 2Page - Maxim Integrated Products MXB7846EUE Datasheet HTML 3Page - Maxim Integrated Products MXB7846EUE Datasheet HTML 4Page - Maxim Integrated Products MXB7846EUE Datasheet HTML 5Page - Maxim Integrated Products MXB7846EUE Datasheet HTML 6Page - Maxim Integrated Products MXB7846EUE Datasheet HTML 7Page - Maxim Integrated Products MXB7846EUE Datasheet HTML 8Page - Maxim Integrated Products MXB7846EUE Datasheet HTML 9Page - Maxim Integrated Products MXB7846EUE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Typical Operating Characteristics (continued)
(VDD = 2.7V, VREF = 2.5VEXTERNAL, fDCLK = 2MHz, fSAMPLE = 125kHz, CLOAD = 50pF, 0.1µF capacitor at REF, TA = +25°C, unless
otherwise noted.)
2.375V to 5.25V, 4-Wire Touch-Screen Controller
with Internal Reference and Temperature Sensor
6
_______________________________________________________________________________________
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
80
65
50
35
20
5
-10
-25
2.1
2.2
2.3
2.4
2.5
2.6
2.0
-40
VDD = 2.7V
CL = 0.1µF
INTERNAL VOLTAGE REFERENCE
vs. TURN-ON TIME
TURN-ON TIME (µs)
1200
1000
800
600
400
200
0.5
1.0
1.5
2.0
2.5
0
0
CL = 1µF
(1060µs) 12-BIT SETTLING
INTERNAL VOLTAGE REFERENCE
vs. TURN-ON TIME
TURN-ON TIME (µs)
35
30
25
20
15
10
5
0.5
1.0
1.5
2.0
2.5
3.0
0
040
NO CAPACITOR
(30µs) 12-BIT SETTLING
REFERENCE CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
7.8
7.9
8.0
8.1
8.2
8.3
7.7
2.5
5.5
CL = 0.1µF
fSAMPLE = 125kHz
EXTERNAL REFERENCE
REFERENCE CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
65
50
35
20
5
-10
-25
7.8
7.9
8.0
8.1
8.2
8.3
7.7
-40
80
VDD = 2.7V
CL = 0.1µF
fSAMPLE = 125kHz
EXTERNAL REFERENCE
REFERENCE CURRENT vs. SAMPLE RATE
SAMPLE RATE (kHz)
100
75
50
25
1
2
3
4
5
6
7
8
9
10
0
0
125
EXTERNAL REFERENCE
TEMP DIODE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
80
65
35
50
-10
5
20
-25
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
-40
TEMP1
TEMP2
TEMP0 DIODE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.7
4.2
3.7
3.2
586
587
588
589
590
585
2.7
TEMP0
TEMP1 DIODE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.7
4.2
3.7
3.2
699
700
701
702
703
704
705
698
2.7
TEMP1


Similar Part No. - MXB7846EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXB7843 MAXIM-MXB7843 Datasheet
508Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
MXB7843 MAXIM-MXB7843 Datasheet
519Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
MXB7843EEE MAXIM-MXB7843EEE Datasheet
508Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
MXB7843EEE MAXIM-MXB7843EEE Datasheet
519Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
MXB7843EUE MAXIM-MXB7843EUE Datasheet
508Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
More results

Similar Description - MXB7846EUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXB7843 MAXIM-MXB7843_05 Datasheet
519Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen Controller
Rev 1; 9/05
MXB7843 MAXIM-MXB7843 Datasheet
508Kb / 21P
   2.375V to 5.25V, 4-Wire Touch-Screen
Rev 0; 4/02
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com