Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

583-G707-J1M1 Datasheet(PDF) 2 Page - ETAL Group

Part # 583-G707-J1M1
Description  Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

583-G707-J1M1 Datasheet(HTML) 2 Page - ETAL Group

  583-G707-J1M1 Datasheet HTML 1Page - ETAL Group 583-G707-J1M1 Datasheet HTML 2Page - ETAL Group 583-G707-J1M1 Datasheet HTML 3Page - ETAL Group 583-G707-J1M1 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Performance Thermal Circuit Breaker 583-...
www.e-t-a.de
1646
2
1
Dimensions 583-G533-J1M1-B2S0XN (AS14154)
min.
.18
1
thickness 1.5 - 3 mm
.059 - .118 in.
.453+.008
min. 1.97
mounting holes
min. 50
ø3.2+0.15
.126+.006
ø11.5+0.2
45° 12.8 45°
C1
B1
A1
terminals:
A1, B1, C1 - input
A2, B2, C2 - output
teminal screw MS 51957-41 (8-32 UNC-2A)
with lock washer MS 35338-137
tightening torque max. 1.2 Nm
ø8.4
.331
ø10
7/16-32-UN-2A THD
tightening torque max. 3 Nm
.394
.504
black
white
lock washer
max. 19.8
9.5
current rating in A
max .780
0.8
location pin
.374
.031
.098
8.5
.335
2.5
5
15
15
.197
.591
.591
Dimensions 583-G411-K1M1-A1S0TN (VG 95345 T11)
.098
8.5
.335
2.5
5
15
15
.197
.591
.591
thickness 1.5 - 3 mm
.059 - .118 in.
max. 19.8
ø8.4
.331
12.8
mounting holes
45°
45°
ø10
25.5
M12x1
C1
B1
A1
terminals:
A1, B1, C1 - input
A2, B2, C2 - output
9.5
ø12.5
min. 50
current rating in A
ø3.2+0.15
teminal screw ISO 7045-M4x6
with lock washer DIN 137 B4
tightening torque max. 1.2 Nm
tightening torque max. 4 Nm
.126+.006
.492+.008
.394
min.
.181
.504
1.00
black
white
lock washer
max .780
0.8
location pin
.374
.031
min. 1.97
+0.2
Ordering information for approved devices
Type No.
583
three pole, with temperature compensation
Mounting
G threadneck panel mounting
Threadneck design
1 M12x1x6.4x8.8 dia. with mounting plate (aux. contact version)
3 MJ12x1x6.4x8.8 dia. (only without aux. contact)
4 M12x1x6.4x8.8 dia. (only without aux. contact)
5 7/16-32UNx6.4x7.8 (only without aux. contact)
7 7/16-32 UNx6.4x7.8 dia. with mounting plate (aux.contact version)
8 M12x1x6.4xø8.8 with mounting plate, aluminium threadneck
9 M12x1x6.4xø8.8, aluminium threadneck
Hardware for threadneck (washers)
0 without hardware
1 corrugated washer 12/15, fitted
2 serrated lock washer 12.1/17.2, fitted
3 toothed washer 11.3/14.9, fitted
5 serrated lock washer 12.1/17.2, bulk shipped
Hardware for threadneck (nuts)
0 without hardware
1 hex nut M12x1
3 hex nut 7/16-32UN
5 hex nut MJ12x1 (only with threadneck design 3)
7 hex nut M12x1, aluminium, bulk shipped
Terminal design (main terminals)
K screw terminals with metric thread
1 K14 (M4, MJ4)
J screw terminals with inch thread
1 J14 (8-32UNC-2B)
Characteristic curve
M1 thermal, 1.15-1.38 IN
Terminal screws
A Phillips screw M4x6
B Phillips screw 8-32UNC-2Ax6 (MS 51957-41)
K hex screw with Phillips head
8-32UNC-3Ax7.6
L Phillips screw MJ4x6
Z without accessories
Terminal washers
0 without lock washer
1 lock washer B4
2 lock washer 4.3 (MS 35338-137)
5 lock washer 4.3/9
Auxiliary contact
S0 without auxiliary contact
S1 with auxiliary contact (N/C) (connector
to EN 3155-016M2018, size 20)
S5 with polarized auxiliary contact (N/C)
Barrier
T barrier 25.5 mm wide,
37.7 mm long (-S0 only)
U barrier 19.5 mm wide, 37.7 mm long
X barrier 19.5 mm wide, 34.1 mm long
Colour of the push button
(blank)
black (standard) (e.g. 7.5)
G
green to EN (e.g. 7 1/2)
N
black to EN (e.g. 7 1/2)
Current ratings
1...30 A
583 - G 4 1 1 - K 1 M1 - A 1 S0 T
. - 5 A
ordering example
Ordering information
583-G411-K1M1-A1S0TN (583-96-TC-K14)
Metric threadneck M12x1 and terminal design -K14 (M4x6), listed
by the German Materialamt der Bundeswehr to VG 95345 T11.
583-G533-J1M1-B2S0XN (AS 14154)
Threadneck size 7/16-32UNSx6.4 and terminal design -J14 (inch
thread 8-32), approved to AS 14154.
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 583-G707-J1M1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
583-300024-B BOTHHAND-583-300024-B Datasheet
250Kb / 1P
   ISDN XFMR
More results

Similar Description - 583-G707-J1M1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
483-G ETAL-483-G Datasheet
308Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
4930-01 ETAL-4930-01 Datasheet
202Kb / 4P
   Aircraft electrical systems and equipment, and other high performance applications
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com