Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AR83C151C-20 Datasheet(PDF) 4 Page - TEMIC Semiconductors

Part # AR83C151C-20
Description  CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

AR83C151C-20 Datasheet(HTML) 4 Page - TEMIC Semiconductors

  AR83C151C-20 Datasheet HTML 1Page - TEMIC Semiconductors AR83C151C-20 Datasheet HTML 2Page - TEMIC Semiconductors AR83C151C-20 Datasheet HTML 3Page - TEMIC Semiconductors AR83C151C-20 Datasheet HTML 4Page - TEMIC Semiconductors AR83C151C-20 Datasheet HTML 5Page - TEMIC Semiconductors AR83C151C-20 Datasheet HTML 6Page - TEMIC Semiconductors AR83C151C-20 Datasheet HTML 7Page - TEMIC Semiconductors AR83C151C-20 Datasheet HTML 8Page - TEMIC Semiconductors AR83C151C-20 Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
80C154/83C154
Rev.F (14 Jan. 97)
4
MATRA MHS
Pin Description
Vss
Circuit Ground Potential.
VCC
Supply voltage during normal, Idle, and Power Down
operation.
Port 0
Port 0 is an 8 bit open drain bi-directional I/O port. Port 0
pins that have 1’s written to them float, and in that state
can be used as high-impedance inputs.
Port 0 is also the multiplexed low-order address and data
bus during accesses to external Program and Data
Memory. In this application it uses strong internal pullups
when emitting 1’s. Port 0 also outputs the code bytes
during program verification in the 83C154. External
pullups are required during program verification. Port 0
can sink eight LS TTL inputs.
Port 1
Port 1 is an 8 bit bi-directional I/O port with internal
pullups. Port 1 pins that have 1’s written to them are
pulled high by the internal pullups, and in that state can
be used as inputs. As inputs, Port 1 pins that are externally
being pulled low will source current (IIL, on the data
sheet) because of the internal pullups.
Port 1 also receives the low-order address byte during
program verification. In the 83C154, Port 1 can sink or
source three LS TTL inputs. It can drive CMOS inputs
without external pullups.
2 inputs of PORT 1 are also used for timer/counter 2 :
P1.0 [T2] : External clock input for timer/counter 2. P1.1
[T2EX] : A trigger input for timer/counter 2, to be
reloaded or captured causing the timer/counter 2
interrupt.
Port 2
Port 2 is an 8 bit bi-directional I/O port with internal
pullups. Port 2 pins that have 1’s written to them are
pulled high by the internal pullups, and in that state can
be used as inputs. As inputs, Port 2 pins that are externally
being pulled low will source current (ILL, on the data
sheet) because of the internal pullups. Port 2 emits the
high-order address byte during fetches from external
Program Memory and during accesses to external Data
Memory that use 16 bit addresses (MOVX @DPTR). In
this application, it uses strong internal pullups when
emitting 1’s. During accesses to external Data Memory
that use 8 bit addresses (MOVX @Ri), Port 2 emits the
contents of the P2 Special Function Register.
It also receives the high-order address bits and control
signals during program verification in the 83C154. Port
2 can sink or source three LS TTL inputs. It can drive
CMOS inputs without external pullups.
Port 3
Port 3 is an 8 bit bi-directional I/O port with internal
pullups. Port 3 pins that have 1’s written to them are
pulled high by the internal pullups, and in that state can
be used as inputs. As inputs, Port 3 pins that are externally
being pulled low will source current (ILL, on the data
sheet) because of the pullups. It also serves the functions
of various special features of the TEMIC 51 Family, as
listed below.
Port Pin
Alternate Function
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
RXD (serial input port)
TXD (serial output port)
INT0 (external interrupt 0)
INT1 (external interrupt 1)
TD (Timer 0 external input)
T1 (Timer 1 external input)
WR (external Data Memory write strobe)
RD (external Data Memory read strobe)
Port 3 can sink or source three LS TTL inputs. It can drive
CMOS inputs without external pullups.
RST
A high level on this for two machine cycles while the
oscillator is running resets the device. An internal
pull-down resistor permits Power-On reset using only a
capacitor connected to VCC. As soon as the result is
applied (Vin), PORT 1, 2 and 3 are tied to 1. This
operation is achieved asynchronously even if the
oscillator is not start up.


Similar Part No. - AR83C151C-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR8327 ETC2-AR8327 Datasheet
1Mb / 394P
   Seven-port Gigabit Ethernet Switch
AR8327-AL1A ETC2-AR8327-AL1A Datasheet
1Mb / 394P
   Seven-port Gigabit Ethernet Switch
AR8327-AL1A-R ETC2-AR8327-AL1A-R Datasheet
1Mb / 394P
   Seven-port Gigabit Ethernet Switch
AR8327N ETC2-AR8327N Datasheet
1Mb / 394P
   Seven-port Gigabit Ethernet Switch
AR8327N-AL1A ETC2-AR8327N-AL1A Datasheet
1Mb / 394P
   Seven-port Gigabit Ethernet Switch
More results

Similar Description - AR83C151C-20

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com