Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF21085LSR3 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MRF21085LSR3
Description  RF Power Field Effect Transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF21085LSR3 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MRF21085LSR3 Datasheet HTML 2Page - Motorola, Inc MRF21085LSR3 Datasheet HTML 3Page - Motorola, Inc MRF21085LSR3 Datasheet HTML 4Page - Motorola, Inc MRF21085LSR3 Datasheet HTML 5Page - Motorola, Inc MRF21085LSR3 Datasheet HTML 6Page - Motorola, Inc MRF21085LSR3 Datasheet HTML 7Page - Motorola, Inc MRF21085LSR3 Datasheet HTML 8Page - Motorola, Inc MRF21085LSR3 Datasheet HTML 9Page - Motorola, Inc MRF21085LSR3 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MRF21085R3 MRF21085SR3 MRF21085LSR3
6
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
−55
−50
−45
−40
−35
−30
−25
10
4
Figure 3. 2-Carrier W-CDMA ACPR, IM3, Power Gain and
Drain Efficiency versus Output Power
Figure 4. Intermodulation Distortion
Products versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
Figure 5. Third Order Intermodulation
Distortion versus Output Power
Pout, OUTPUT POWER (WATTS Avg.) N−CDMA
f, FREQUENCY (MHz)
Figure 6. 2-Carrier W-CDMA Broadband
Performance
Figure 7. CW Performance
0
5
10
15
20
25
30
−55
−50
−45
−40
−35
−30
−25
110
30
VDD = 28 Vdc, IDQ = 1000 mA
f1 = 2135 MHz, f2 = 2145 MHz
3.84 MHz Channel Bandwidth
−45
−60
−50
−40
−30
−25
5
10
25
30
35
45
10
η
4
Pout, OUTPUT POWER (WATTS) PEP
VDD = 28 Vdc
IDQ = 1000 mA
f1 = 2135 MHz
f2 = 2145 MHz
1150 mA
1300 mA
1000 mA
IDQ = 700 mA
850 mA
12
14
16
18
20
22
24
−60
−50
−40
−30
−20
−10
0
2110
2130
2150
2190
VDD = 28 Vdc
Pout = 19 W (Avg.)
IDQ = 1000 mA
Gps
ACPR
η
IRL
Pout, OUTPUT POWER (WATTS)
11.5
12
12.5
13
13.5
14
14.5
0
10
20
30
40
50
60
10
100
2
130
VDD = 28 Vdc
IDQ = 1000 mA
f = 2140 MHz
Gps
η
η
IM3
Gps
ACPR
15
100
−65
7th Order
5th Order
3rd Order
100
VDD = 28 Vdc
f1 = 2135 MHz
f2 = 2145 MHz
2090
2170
IM3
40
34
35
36
37
38
−32
−31
−30
−29
−28
−27
24
25
26
27
28
29
VDD, DRAIN SUPPLY (V)
Figure 8. Two-Tone Intermodulation Distortion and
Drain Efficiency versus Drain Supply
η
IDQ = 1000 mA
f = 2140 MHz
10 MHz Tone Spacing
IMD
39
−26
Peak/Avg. = 8.3 dB @ 0.01% Probability (CCDF)
−55
−35
20
40
41
42
−25
−24
2−Carrier W−CDMA
10 MHz Carrier Spacing
3.84 MHz Channel Bandwidth
Peak/Avg. = 8.3 dB @ 0.01% Probability (CCDF)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF21085LSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF21085LSR3 FREESCALE-MRF21085LSR3 Datasheet
387Kb / 12P
   RF Power Field Effect Transistors
MRF21085LSR3 FREESCALE-MRF21085LSR3 Datasheet
197Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF21085LSR3 FREESCALE-MRF21085LSR3_08 Datasheet
197Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - MRF21085LSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com