Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF21180 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF21180
Description  RF Power Field Effect Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF21180 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF21180 Datasheet HTML 1Page - Motorola, Inc MRF21180 Datasheet HTML 2Page - Motorola, Inc MRF21180 Datasheet HTML 3Page - Motorola, Inc MRF21180 Datasheet HTML 4Page - Motorola, Inc MRF21180 Datasheet HTML 5Page - Motorola, Inc MRF21180 Datasheet HTML 6Page - Motorola, Inc MRF21180 Datasheet HTML 7Page - Motorola, Inc MRF21180 Datasheet HTML 8Page - Motorola, Inc MRF21180 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MRF21180R6
4
MOTOROLA RF DEVICE DATA
Figure 1. MRF21180 Test Circuit Schematic
RF
INPUT
RF
OUTPUT
Z9
VGG
R5
R1
B1
R3
C5
C11
C15
C23
+
C1
C2
Z7
Z5
Z3
Z8
Z6
Z4
Z1
Z2
Z10
VGG
R2
B2
R4
C6
C12
C16
C24
+
DUT
VDD
C4
Z17
Z15
Z11
Z13
Z20
Z19
C9
C8
C18
C14
C19
+
C21
+
+
C3
Z18
Z16
Z12
Z14
VDD
C10
C7
C17
C13
C20
+
C22
+
+
Table 1. MRF21180 Test Circuit Component Designations and Values
Part
Description
Value, P/N or DWG
Manufacturer
B1, B2
Short Ferrite Beads
2743019447
Fair Rite
C1, C2, C3, C4
30 pF Chip Capacitors
100B300JCA500X
ATC
C5, C6, C7, C8
5.6 pF Chip Capacitors
100B5R6JCA500X
ATC
C9, C10
10 µF Tantalum Capacitors
T495X106K035AS4394
Kemet
C11, C12, C13, C14
1000 pF Chip Capacitors
100B102JCA500X
ATC
C15, C16, C17, C18
0.1 µF Chip Capacitors
CDR33BX104AKWS
Kemet
C19, C20
1.0 µF Tantalum Capacitors
T491C105M050
Kemet
C21, C22, C23, C24
22 µF Tantalum Capacitors
T491X226K035AS4394
Kemet
N1, N2
Type N Flange Mounts
3052-1648-10
Omni Spectra
R1, R2, R3, R4
10 Ω, 1/8 W Chip Resistors
R5
1.0 kΩ, 1/8 W Chip Resistor
Z1, Z20
Microstrip
0.790″ x 0.065″
Z2, Z19
Microstrip
0.830″ x 0.112″
Z3, Z18
Microstrip
0.145″ x 0.065″
Z4, Z17
Microstrip
1.700″ x 0.065″
Z5, Z6
Microstrip
0.340″ x 0.065″
Z7, Z8
Microstrip
0.455″ x 0.600″
Z9, Z10
Microstrip
0.980″ x 0.035″
Z11, Z12
Microstrip
0.510″ x 0.645″
Z13, Z14
Microstrip
0.770″ x 0.058″
Z15, Z16
Microstrip
0.280″ x 0.065″
WB1, WB2, WB3, WB4
Wear Blocks
Board
0.030″ Glass Teflon
RF-35, εr = 3.50
Taconic
PCB
Etched Circuit Boards
MRF21180 Rev. 4
CMR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF21180

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF21180 FREESCALE-MRF21180 Datasheet
333Kb / 12P
   RF Power Field Effect Transistor
MRF21180R6 FREESCALE-MRF21180R6 Datasheet
333Kb / 12P
   RF Power Field Effect Transistor
MRF21180R6 FREESCALE-MRF21180R6_06 Datasheet
333Kb / 12P
   RF Power Field Effect Transistor
More results

Similar Description - MRF21180

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com