Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

583-G311-J1M1 Datasheet(PDF) 3 Page - ETAL Group

Part # 583-G311-J1M1
Description  Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

583-G311-J1M1 Datasheet(HTML) 3 Page - ETAL Group

  583-G311-J1M1 Datasheet HTML 1Page - ETAL Group 583-G311-J1M1 Datasheet HTML 2Page - ETAL Group 583-G311-J1M1 Datasheet HTML 3Page - ETAL Group 583-G311-J1M1 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Performance Thermal Circuit Breaker 583-...
www.e-t-a.de
1646
3
1
High Performance Thermal Circuit Breaker 583-...
.098
current rating in A
ø8.4
.331
M12x1
black
white
lock washer
tightening torque max. 4 Nm
8.5
.335
2.5
5
15
15
.197
.591
.591
terminals:
A1, B1, C1 - input
A2, B2, C2 - output
thickness 1.5 - 3 mm
.059 - .118 in.
mounting holes
ø12.5
min. 50
ø3.2+0.15
.126+.006
.492+.008
min. 1.97
45° 12.8 45°
ø10
A2
B2
C2
19.5
max. 6.5
aux. contact
(connector to EN 3155-016 M2018)
22°
9.5
teminal screw ISO 7045-M4x6
with lock washer DIN 137 B4
tightening torque max. 1.2 Nm
.394
.504
location pin
.374
.768
max .256
+0.2
Dimensions 583-G111-K1M1-A1S1UN (VG 95345 T11)
Internal connection diagrams
B1
C1
A2
B2
C2
line A1
B2
C2
A1
B1
C1
3
4
line A2
B1
C1
A2
B2
C2
line A1
3
5
with auxiliary contact
EN 2996-004
with polarized auxiliay contact
EN 2996-005
B1
C1
A2
B2
C2
line A1
11
12
with auxiliary contact
VG 95345 T11
Typical time/current characteristics
-55 °C
-67 °F
+ 23 °C
+ 73.4 °F
+90 °C
+194 °F
… times rated current
12
46 810
20
40
10000
1000
100
10
1
0.1
0.01
0.001
6080100


Similar Part No. - 583-G311-J1M1

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
583-300024-B BOTHHAND-583-300024-B Datasheet
250Kb / 1P
   ISDN XFMR
More results

Similar Description - 583-G311-J1M1

ManufacturerPart #DatasheetDescription
logo
ETAL Group
483-G ETAL-483-G Datasheet
308Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
4930-01 ETAL-4930-01 Datasheet
202Kb / 4P
   Aircraft electrical systems and equipment, and other high performance applications
3200-5A ETAL-3200-5A Datasheet
210Kb / 4P
   Control equipment, extra-low voltage wiring systems and components
2-5200-H ETAL-2-5200-H Datasheet
188Kb / 2P
   Extra low voltage wiring systems and components
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
2215-G1 ETAL-2215-G1 Datasheet
207Kb / 4P
   Control equipment, communications systems, instrumentation
1160-02-12A ETAL-1160-02-12A Datasheet
103Kb / 2P
   Automotive and marine extra low voltage wiring systems and components, battery powered appliances
157-P10-KF-10A ETAL-157-P10-KF-10A Datasheet
233Kb / 4P
   Motors, transformers, solenoids, extra low voltage wiring systems
129-L11-H-KF ETAL-129-L11-H-KF Datasheet
129Kb / 2P
   Extra low voltage wiring systems on all types of vehicles and marine craft
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com