Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF9210R3 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MRF9210R3
Description  RF Power Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9210R3 Datasheet(HTML) 8 Page - Motorola, Inc

  MRF9210R3 Datasheet HTML 1Page - Motorola, Inc MRF9210R3 Datasheet HTML 2Page - Motorola, Inc MRF9210R3 Datasheet HTML 3Page - Motorola, Inc MRF9210R3 Datasheet HTML 4Page - Motorola, Inc MRF9210R3 Datasheet HTML 5Page - Motorola, Inc MRF9210R3 Datasheet HTML 6Page - Motorola, Inc MRF9210R3 Datasheet HTML 7Page - Motorola, Inc MRF9210R3 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MRF9210R3
8
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 375G-04
ISSUE E
NI-860C3
1
2
34
5
D
Q
G
L
K
2X
H
E
F
C
SEATING
PLANE
NOTES:
1. CONTROLLING DIMENSION: INCH.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M−1994.
3. DIMENSION H TO BE MEASURED 0.030 (0.762)
AWAY FROM PACKAGE BODY.
4. RECOMMENDED BOLT CENTER DIMENSION
OF 1.140 (28.96) BASED ON 3M SCREW.
4X
B
A
T
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.335
1.345
33.91
34.16
INCHES
B
0.380
0.390
9.65
9.91
C
0.180
0.224
4.57
5.69
D
0.325
0.335
8.26
8.51
E
0.060
0.070
1.52
1.78
F
0.004
0.006
0.10
0.15
G
H
0.097
0.107
2.46
2.72
K
0.135
0.165
3.43
4.19
L
N
0.851
0.869
21.62
22.07
Q
0.118
0.138
3.00
3.30
R
0.395
0.405
10.03
10.29
STYLE 1:
PIN 1. DRAIN
2. DRAIN
3. GATE
4. GATE
5. SOURCE
1.100 BSC
0.425 BSC
27.94 BSC
10.8 BSC
J
0.2125 BSC
5.397 BSC
M
0.852
0.868
21.64
22.05
S
0.394
0.406
10.01
10.31
bbb
0.010 REF
0.25 REF
ccc
0.015 REF
0.38 REF
M
A
M
bbb
B M
T
M
A
M
bbb
B M
T
B (FLANGE)
4X
M
A
M
bbb
B M
T
M
A
M
ccc
B M
T
R (LID)
S (INSULATOR)
J
M
A
M
bbb
B M
T
M
A
M
ccc
B M
T
N
(LID)
M
(INSULATOR)
A
4
Information in this document is provided solely to enable system and software implementers to use Motorola products. There are no express or implied copyright
licenses granted hereunder to design or fabricate any integrated circuits or integrated circuits based on the information in this document.
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters that may be provided in Motorola
data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including
“Typicals”, must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the
rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury
or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees
arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that
Motorola was negligent regarding the design or manufacture of the part.
MOTOROLA and the Stylized M Logo are registered in the US Patent and Trademark Office. All other product or service names are the property of their respective
owners. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
E Motorola Inc. 2004
HOW TO REACH US:
USA/EUROPE/LOCATIONS NOT LISTED:
JAPAN: Motorola Japan Ltd.; SPS, Technical Information Center,
Motorola Literature Distribution
3-20-1, Minami-Azabu, Minato-ku, Tokyo 106-8573, Japan
P.O. Box 5405, Denver, Colorado 80217
81-3-3440-3569
1-800-521-6274 or 480-768-2130
ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Centre,
2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong
852-26668334
HOME PAGE: http://motorola.com/semiconductors
MRF9210/D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF9210R3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9200LR3 FREESCALE-MRF9200LR3 Datasheet
775Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF9200LR3 FREESCALE-MRF9200LR3 Datasheet
458Kb / 12P
   880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
MRF9200LR3 FREESCALE-MRF9200LR3_06 Datasheet
458Kb / 12P
   880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
MRF9200LSR3 FREESCALE-MRF9200LSR3 Datasheet
775Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF9200LSR3 FREESCALE-MRF9200LSR3 Datasheet
458Kb / 12P
   880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF9210R3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com