Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF18030A Datasheet(PDF) 7 Page - Motorola, Inc

Part # MRF18030A
Description  RF Power Field Effect Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF18030A Datasheet(HTML) 7 Page - Motorola, Inc

  MRF18030A Datasheet HTML 1Page - Motorola, Inc MRF18030A Datasheet HTML 2Page - Motorola, Inc MRF18030A Datasheet HTML 3Page - Motorola, Inc MRF18030A Datasheet HTML 4Page - Motorola, Inc MRF18030A Datasheet HTML 5Page - Motorola, Inc MRF18030A Datasheet HTML 6Page - Motorola, Inc MRF18030A Datasheet HTML 7Page - Motorola, Inc MRF18030A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
MRF18030ALR3 MRF18030ALSR3
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 465E-04
ISSUE E
NI-400
MRF18030ALR3
NOTES:
1. CONTROLLING DIMENSION: INCH.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSION H IS MEASURED 0.030 (0.762)
AWAY FROM PACKAGE BODY.
4. INFORMATION ONLY: CORNER BREAK (4X) TO
BE .060
±.005 (1.52±0.13) RADIUS OR .06±.005
(1.52
±0.13) x 45° CHAMFER.
STYLE 1:
PIN 1. DRAIN
2. GATE
3. SOURCE
SEATING
PLANE
2X D
N (LID)
E
R (LID)
F
2X K
A
T
C
M
B
M
bbb
A M
T
H
B
B
G
A
M
A
M
ccc
B M
T
M
A
M
bbb
B M
T
1
2
3
2X
Q
M
(INSULATOR)
S
(INSULATOR)
M
A
M
ccc
B M
T
M
A
M
aaa
B M
T
M
A
M
aaa
B M
T
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
.795
.805
20.19
20.44
INCHES
B
.380
.390
9.65
9.9
C
.125
.163
3.17
4.14
D
.275
.285
6.98
7.24
E
.035
.045
0.89
1.14
F
.004
.006
0.10
0.15
G
H
.057
.067
1.45
1.7
K
.092
.122
2.33
3.1
M
.395
.405
10
10.3
N
.395
.405
10
10.3
Q
.120
.130
3.05
3.3
R
.395
.405
10
10.3
S
.395
.405
10
10.3
aaa
bbb
ccc
.600 BSC
15.24 BSC
.005 BSC
0.127 BSC
.010 BSC
0.254 BSC
.015 BSC
0.381 BSC
SEE NOTE 4
CASE 465F-04
ISSUE C
MRF18030ALSR3
NI-400S
NOTES:
1. CONTROLLING DIMENSION: INCH.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M−1994.
3. DIMENSION H IS MEASURED 0.030 (0.762) AWAY
FROM PACKAGE BODY.
STYLE 1:
PIN 1. DRAIN
2. GATE
3. SOURCE
1
SEATING
PLANE
2
E
F
2X K
M
A
M
bbb
B M
T
A
T
C
H
B
A
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
.395
.405
10.03
10.29
INCHES
B
.395
.405
10.03
10.29
C
.125
.163
3.18
4.14
D
.275
.285
6.98
7.24
E
.035
.045
0.89
1.14
F
.004
.006
0.10
0.15
H
.057
.067
1.45
1.70
K
.092
.122
2.34
3.10
M
.395
.405
10.03
10.29
S
.395
.405
10.03
10.29
aaa
.005 REF
0.127 REF
2X D
M
A
M
ccc
B M
T
bbb
.010 REF
0.254 REF
ccc
.015 REF
0.38 REF
N
.395
.405
10.03
10.29
R
.395
.405
10.03
10.29
M
A
M
ccc
B M
T
M
A
M
aaa
B M
T
N (LID)
M (INSULATOR)
(FLANGE)
3
B
(FLANGE)
R (LID)
S (INSULATOR)
M
A
M
aaa
B M
T
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF18030A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF18030A FREESCALE-MRF18030A Datasheet
343Kb / 8P
   RF Power Field Effect Transistors
MRF18030ALR3 FREESCALE-MRF18030ALR3 Datasheet
343Kb / 8P
   RF Power Field Effect Transistors
MRF18030ALSR3 FREESCALE-MRF18030ALSR3 Datasheet
343Kb / 8P
   RF Power Field Effect Transistors
More results

Similar Description - MRF18030A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com