Electronic Components Datasheet Search |
|
3120-F753R-G7Q1 Datasheet(PDF) 2 Page - ETAL Group |
|
3120-F753R-G7Q1 Datasheet(HTML) 2 Page - ETAL Group |
2 / 16 page www.e-t-a.de 2 Thermal Circuit Breaker 3120-F... 1616 1 0 I I 0 ON OFF AD FX Type No. 3120 thermal rocker-actuated circuit breaker Mounting method F flange mounting snap-in frame Size of frame 3 standard, to fit mounting cut-out 50.5 x 21.5 mm 5 standard, to fit mounting cut-out 44.5 x 22 mm 7 special style, to fit mounting cut-out 44.5 x 22 mm Number of poles 0 2-pole, unprotected, switch only 1 1-pole, thermally protected 2 2-pole, thermally protected 5 2-pole, 1-pole thermally protected Mounting frame design (F3 & F5) 1 collar height 1 mm 3 collar height 9 mm 4 collar height 2 mm with water splash protection (IP54) Mounting frame design (F7) R black T black with snap-on water splash cover Terminal configuration PT push-in terminals P7 blade terminals H7 as P7, terminals 11 and 21 with flat head screws M3.5 - standard for units with undervoltage release module N7 as P7, with additional shunt terminals 12(i) and 22(i) - standard for version Q1 (switch only) G7as N7, terminals 11 and 21 with flat head screws M3.5 Characteristic curve T1 thermal trip Q1 switch only Actuator style W rocker for frame size F3 & F5 A rocker for frame size F7 Colour and illumination 01. rocker black opaque 02. rocker white opaque 04. rocker red opaque 14. R rocker red translucent with LED illumination 15. Y rocker orange translucent with LED illumination 19. G rocker green translucent with LED illumination Marking for rocker style W A D F Q X Marking for rocker style A Q »I« and »O« moulded in Illumination voltage range (= operating voltage) 1 DC 12 V 2 DC 24 V 3 AC 115 V 4 AC 230 V 5 DC 48 V 3120 -F 7 2 R - P7 T1 -A 14 QR 4 Current ratings 0.1...20 A 3120 -F 7 2 R - P7 T1 -A 14 QR 4 - 10 A ordering example Order numbering code Q: 0 and 1 moulded in Order numbering code Type No. 3120 thermal circuit breaker with push button actuation Mounting F flange mounting snap-in frame Size 2 special frame for fitting splash cover 3 mounting cut-out 50.5 x 21.5 mm (panel thickness 1-6.35 mm) Number of poles 1 1-pole, thermally protected 2 2-pole, thermally protected 5 2-pole, thermally protected Style F frame with 2 push buttons G frame with one push button (reset only) Terminal configuration PT push-in terminals P7 blade terminals H7 as P7, terminals 11 and 21 with flat head screws M3.5 - standard for units with undervoltage release module N7 as P7, with additional shunt terminals 12(i) and 22(i) - standard for version Q1 (switch only) G7as N7, terminals 11 and 21 with flat head screws M3.5 Characteristic curve T1 thermal trip Q1 switch only Actuators / colour / illumination D01X 1 push button* black opaque D02X 1 push button* white opaque D04X 1 push button* red opaque D19XG 1 push button* green translucent with LED illumination SGRX 2 push buttons green/red opaque without illumination SGRXG 2 push buttons green/red translucent with LED illumination Illumination voltage range (= operating voltage) 1 DC 12 V 2 DC 24 V 3 AC 115 V 4 AC 230 V 5 DC 48 V Current ratings 0.1...20 A 3120- F 3 2 F - P7 T1- S GRXG 4-10 A ordering example *reset only Packaging unit: 20, 25, 35, 50 or 60 pcs, depending on the version |
Similar Part No. - 3120-F753R-G7Q1 |
|
Similar Description - 3120-F753R-G7Q1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |