Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF9045MBR1 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF9045MBR1
Description  RF POWER FIELD EFFECT TRANSISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9045MBR1 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF9045MBR1 Datasheet HTML 1Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 2Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 3Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 4Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 5Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 6Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 7Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 8Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MRF9045MR1 MRF9045MBR1
MOTOROLA RF DEVICE DATA
Figure 1. MRF9045MR1 930–960 MHz Broadband Test Circuit Schematic
Z3
0.14″ x 0.32″ Microstrip
Z4
0.47″ x 0.32″ Microstrip
Z5
0.16″ x 0.32″ x 0.62″ Taper
Z6
0.18″ x 0.62″ Microstrip
Z7
0.56″ x 0.62″ Microstrip
Z8
0.33″ x 0.32″ Microstrip
Z9
0.14″ x 0.32″ Microstrip
Z10
0.36″ x 0.08″ Microstrip
Z11
1.01″ x 0.08″ Microstrip
Z12
0.15″ x 0.08″ Microstrip
Z13
0.29″ x 0.08″ Microstrip
B1, B2
Short Ferrite Beads, Surface Mount
C1, C7, C13, C14
47 pF Chip Capacitors, B Case
C2, C8
2.7 pF Chip Capacitors, B Case
C3
3.9 pF Chip Capacitor, B Case
C4, C5, C8, C9
10 pF Chip Capacitors, B Case
C6, C15, C16
10 µF, 35 V Tantalum Surface Mount Capacitors
C10
2.2 pF Chip Capacitor, B Case
C11
4.7 pF Chip Capacitor, B Case
C12
1.2 pF Chip Capacitor, B Case
C17
220 µF, 50 V Electrolytic Capacitor
L1, L2
12.5 nH Inductors
Z1
0.20″ x 0.08″ Microstrip
Z2
0.57″ x 0.12″ Microstrip
B1
C1
RF
INPUT
RF
OUTPUT
VGG
VDD
C6
L1
Z5
Z4
Z3
C2
Z2
Z1
Z7
C8
C9
Z8
Z9
Z10
C13
C14
B2
C15
C16
C17
C4
C5
Z6
+
+
C7
+
+
C12
C3
Z11
Z12
Z13
L2
DUT
C10
C11
Figure 2. MRF9045MR1 930–960 MHz Broadband Test Circuit Component Layout
MRF9045MR1
Ground
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10 C11
C12 C13
C14
C15 C16
L1
L2
A1
A2
B1
B2
Ground
Vbias
Vsupply
C17
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF9045MBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9045M MOTOROLA-MRF9045M Datasheet
144Kb / 8P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9045MR1 MOTOROLA-MRF9045MR1 Datasheet
144Kb / 8P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - MRF9045MBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com