Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF9045MBR1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF9045MBR1
Description  RF POWER FIELD EFFECT TRANSISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9045MBR1 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF9045MBR1 Datasheet HTML 1Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 2Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 3Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 4Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 5Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 6Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 7Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 8Page - Motorola, Inc MRF9045MBR1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MRF9045MR1 MRF9045MBR1
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vdc, VGS = 0 Vdc)
IDSS
10
µAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 28 Vdc, VGS = 0 Vdc)
IDSS
1
µAdc
Gate–Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
1
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 150 µAdc)
VGS(th)
2
2.8
4
Vdc
Gate Quiescent Voltage
(VDS = 28 Vdc, ID = 350 mAdc)
VGS(Q)
3
3.7
5
Vdc
Drain–Source On–Voltage
(VGS = 10 Vdc, ID = 1 Adc)
VDS(on)
0.22
0.4
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 3 Adc)
gfs
4
S
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Ciss
70
pF
Output Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Coss
38
pF
Reverse Transfer Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
1.7
pF
FUNCTIONAL TESTS (In Motorola Test Fixture, 50 ohm system)
Two–Tone Common–Source Amplifier Power Gain
(VDD = 28 Vdc, Pout = 45 W PEP, IDQ = 350 mA,
f1 = 945.0 MHz, f2 = 945.1 MHz)
Gps
17
19
dB
Two–Tone Drain Efficiency
(VDD = 28 Vdc, Pout = 45 W PEP, IDQ = 350 mA,
f1 = 945.0 MHz, f2 = 945.1 MHz)
η
38
41
%
3rd Order Intermodulation Distortion
(VDD = 28 Vdc, Pout = 45 W PEP, IDQ = 350 mA,
f1 = 945.0 MHz, f2 = 945.1 MHz)
IMD
–31
–28
dBc
Input Return Loss
(VDD = 28 Vdc, Pout = 45 W PEP, IDQ = 350 mA,
f1 = 945.0 MHz, f2 = 945.1 MHz)
IRL
–14
–9
dB
Two–Tone Common–Source Amplifier Power Gain
(VDD = 28 Vdc, Pout = 45 W PEP, IDQ = 350 mA,
f1 = 930.0 MHz, f2 = 930.1 MHz and f1 = 960.0 MHz,
f2 = 960.1 MHz)
Gps
19
dB
Two–Tone Drain Efficiency
(VDD = 28 Vdc, Pout = 45 W PEP, IDQ = 350 mA,
f1 = 930.0 MHz, f2 = 930.1 MHz and f1 = 960.0 MHz,
f2 = 960.1 MHz)
η
41
%
3rd Order Intermodulation Distortion
(VDD = 28 Vdc, Pout = 45 W PEP, IDQ = 350 mA,
f1 = 930.0 MHz, f2 = 930.1 MHz and f1 = 960.0 MHz,
f2 = 960.1 MHz)
IMD
–31
dBc
Input Return Loss
(VDD = 28 Vdc, Pout = 45 W PEP, IDQ = 350 mA,
f1 = 930.0 MHz, f2 = 930.1 MHz and f1 = 960.0 MHz,
f2 = 960.1 MHz)
IRL
–13
dB
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF9045MBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9045M MOTOROLA-MRF9045M Datasheet
144Kb / 8P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF9045MR1 MOTOROLA-MRF9045MR1 Datasheet
144Kb / 8P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - MRF9045MBR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com