Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM7121IMX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7121IMX
Description  235 MHz Tiny Low Power Voltage Feedback Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7121IMX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM7121IMX Datasheet HTML 2Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 3Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 4Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 5Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 6Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 7Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 8Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 9Page - National Semiconductor (TI) LM7121IMX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
+5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V= 0V, V
CM = VO = V
+/2 and R
L > 1MΩ. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
LM7121I
Units
Limit
(Note 6)
SR
Slew Rate
A
V = +2, RL = 1kΩ to
145
V/µs
(Note 8)
V
+/2, V
O = 1.8 VPP
GBW
Unity Gain-Bandwidth
R
L = 1k, to V
+/2
80
MHz
φ
m
Phase Margin
R
L = 1k to V
+/2
70
Deg
f (−3 dB)
Bandwidth
R
L = 100Ω to V
+/2, A
V = +1
200
MHz
(Notes 9, 10)
R
L = 100Ω to V
+/2, A
V = +2
45
t
r,tf
Rise and Fall Time
A
V = +2, RL = 100Ω,8
ns
(Note 10)
V
O = 0.2 VPP
T.H.D.
Total Harmonic Distortion
0.6 V
PP Output, RL = 150Ω,
0.067
%
A
V = +2, f = 1 MHz
0.6 V
PP Output, RL = 150Ω,
0.33
A
V = +2, f = 5 MHz
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(max)–TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Differential input voltage is measured at VS = ±15V.
Note 8: Slew rate is the average of the rising and fallng slew rates.
Note 9: Unity gain operation for ±5V and ±15V supplies is with a feedback network of 510
Ω and 3 pF in parallel (see the Application Information section). For +5V
single supply operation, feedback is a direct short from the output to the inverting input.
Note 10: AV = +2 operation with 2 kΩ resistors and 2 pF capacitor from summing node to ground.
Typical Performance Characteristics T
A= 25˚C, RL = 1MΩ. unless otherwise specified
Supply Current vs
Supply Voltage
DS012348-66
Supply Current vs
Temperature
DS012348-67
Input Offset Voltage
vs Temperature
DS012348-68
www.national.com
6


Similar Part No. - LM7121IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7121IMX/NOPB TI1-LM7121IMX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
More results

Similar Description - LM7121IMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7121 TI1-LM7121 Datasheet
709Kb / 21P
[Old version datasheet]   235 MHz Tiny Low Power Voltage Feedback Amplifier
logo
National Semiconductor ...
LM7121 NSC-LM7121_14 Datasheet
709Kb / 21P
   LM7121 235 MHz Tiny Low Power Voltage Feedback Amplifier
logo
Texas Instruments
LM7121 TI1-LM7121_14 Datasheet
1Mb / 29P
[Old version datasheet]   LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6317 NSC-LM6317 Datasheet
209Kb / 8P
   120 MHz, Fast Settling, Low Power, Voltage Feedback Amplifier
logo
Analog Devices
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038 Datasheet
346Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. B
AD8038 AD-AD8038_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8039 AD-AD8039_15 Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
AD8038 AD-AD8038_04 Datasheet
256Kb / 12P
   Low Power 350 MHz Voltage Feedback Amplifiers
REV. F
AD8058 AD-AD8058_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com