Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF1550FT1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF1550FT1
Description  RF POWER FIELD EFFECT TRANSISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1550FT1 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF1550FT1 Datasheet HTML 1Page - Motorola, Inc MRF1550FT1 Datasheet HTML 2Page - Motorola, Inc MRF1550FT1 Datasheet HTML 3Page - Motorola, Inc MRF1550FT1 Datasheet HTML 4Page - Motorola, Inc MRF1550FT1 Datasheet HTML 5Page - Motorola, Inc MRF1550FT1 Datasheet HTML 6Page - Motorola, Inc MRF1550FT1 Datasheet HTML 7Page - Motorola, Inc MRF1550FT1 Datasheet HTML 8Page - Motorola, Inc MRF1550FT1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MRF1550T1 MRF1550FT1
4
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
50
20
Pout, OUTPUT POWER (WATTS)
50
80
30
60
40
30
10
175 MHz
155 MHz
Figure 4. Gain versus Output Power
Pout, OUTPUT POWER (WATTS)
11
10
14
Figure 5. Drain Efficiency versus Output Power
20
Figure 6. Output Power versus Biasing Current
IDQ, BIASING CURRENT (mA)
Figure 7. Drain Efficiency versus
Biasing Current
70
IDQ, BIASING CURRENT (mA)
Figure 8. Output Power versus Supply Voltage
VDD, SUPPLY VOLTAGE (VOLTS)
Figure 9. Drain Efficiency versus Supply Voltage
VDD, SUPPLY VOLTAGE (VOLTS)
12
11
40
60
60
400
70
600
1000
80
55
65
12
16
200
50
13
200
1000
400
600
15
10
10
11
30
10
80
30
40
60
50
50
70
135 MHz
175 MHz
155 MHz
155 MHz
175 MHz
135 MHz
155 MHz
175 MHz
135 MHz
VDD = 12.5 Vdc
Pin = 35 dBm
IDQ = 500 mA
Pin = 35 dBm
VDD = 12.5 Vdc
Pin = 35 dBm
VDD = 12.5 Vdc
40
60
70
50
80
15
40
60
70
50
80
70
VDD = 12.5 Vdc
800
60
70
800
40
14
12
13
80
90
15
13
14
175 MHz
155 MHz
135 MHz
135 MHz
1200
1200
IDQ = 500 mA
Pin = 35 dBm
155 MHz
175 MHz
135 MHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF1550FT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1550FNT1 FREESCALE-MRF1550FNT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1550FNT1 FREESCALE-MRF1550FNT1 Datasheet
513Kb / 18P
   RF Power Field Effect Transistors
MRF1550FNT1 FREESCALE-MRF1550FNT1 Datasheet
465Kb / 18P
   RF Power Field Effect Transistors
More results

Similar Description - MRF1550FT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com