Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3-455888-2 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 3-455888-2
Description  Ocean Side-Feed Applicators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-455888-2 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  3-455888-2 Datasheet HTML 1Page - TE Connectivity Ltd 3-455888-2 Datasheet HTML 2Page - TE Connectivity Ltd 3-455888-2 Datasheet HTML 3Page - TE Connectivity Ltd 3-455888-2 Datasheet HTML 4Page - TE Connectivity Ltd 3-455888-2 Datasheet HTML 5Page - TE Connectivity Ltd 3-455888-2 Datasheet HTML 6Page - TE Connectivity Ltd 3-455888-2 Datasheet HTML 7Page - TE Connectivity Ltd 3-455888-2 Datasheet HTML 8Page - TE Connectivity Ltd 3-455888-2 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Instruction Sheet
1 of 19
© 2016 TE Connectivity family of companies
All Rights Reserved
*Trademark
TE Connectivity, TE connectivity (logo), and TE (logo) are trademarks. Other logos, product, and/or company names may be trademarks of their respective owners.
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.te.com.
408-10389
08 DEC 16
Rev M2
Figure 1
1. INTRODUCTION
Ocean side-feed applicators are available with a mechanical feed, air feed, or servo feed system. Each
applicator accepts the side-feed strip-form of terminals identified on the applicator parts list and exploded view
drawing (applicator log) to apply to pre-stripped wires.
NOTE
Dimensions in this instruction sheet are in metric units [with U.S. customary units in brackets]. Figures are not drawn to scale.
This instruction sheet, the parts list, and exploded-view drawing packaged with the applicator, along with the
applicable terminating machine manual provide all the information required to operate and maintain the
applicator and machine.
The applicable terminating machine Customer Manuals are as follows:
409-5128
Basic AMP-O-LECTRIC* machine
409-5207 or 409-5289 Model
“T” terminating unit
409-5842
Model “G” machine
409-10047
AMP 3K* machines 1725950-[ ] and AMP 5K* machines 1725900-[ ]
409-10099
AMP 3K/40* machines 2119683-[ ] and AMP 5K/40* machines 2119684-[ ]
NOTE
The reasons for re-issue of this instruction sheet are provided in Section 8, REVISION SUMMARY.
NOTE
Reference Instruction Sheet 408-35005 for translations of the Safety Warnings specified herein.
2. DESCRIPTION
Main components of the mechanical and air feed applicators are identified in Figures 1 and 2, respectively.
Ocean Side-Feed Applicators
Mechanical Feed Applicator
Indicator Notch/Cut Out
Ram Assembly
Applicator Housing
Base Plate
Side-Feed Strip-Form
Terminals (Ref)
Stock Drag
Drag Release Lever
Lead Terminal (Ref)
Front Shear Holder
Front Floating Shear
Strip Guide
Adjustment Block
Front Strip Guide Plate


Similar Part No. - 3-455888-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3-455888-2 TEC-3-455888-2 Datasheet
711Kb / 18P
   Ocean side-feed applicators are available with either a mechanical feed, air feed, or servo feed system
3-455888-2 TEC-3-455888-2 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results

Similar Description - 3-455888-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-10390 TEC-408-10390 Datasheet
711Kb / 18P
   Ocean side-feed applicators are available with either a mechanical feed, air feed, or servo feed system
logo
Tyco Electronics
466422-2 MACOM-466422-2 Datasheet
28Kb / 1P
   SIDE FEED HDM APPLICATOR
466562-2 MACOM-466562-2 Datasheet
351Kb / 1P
   SIDE FEED HDM APPLICATOR
logo
Molex Electronics Ltd.
638634000 MOLEX-638634000 Datasheet
167Kb / 5P
   63863-4000 Fine Adjust Applicators
01-27-04
logo
3M Electronics
TSA-CMP 3M-TSA-CMP Datasheet
169Kb / 6P
   Film Applicators for Textured Surfaces
March 2008
logo
TE Connectivity Ltd
C-1530177 TEC-C-1530177 Datasheet
1Mb / 2P
   REPLACED BY OCEAN STYLE APPLICATOR PART
C-1528922 TEC-C-1528922 Datasheet
1Mb / 2P
   REPLACED BY OCEAN STYLE APPLICATOR PART
C-2150429 TEC-C-2150429 Datasheet
3Mb / 5P
   REPLACED BY OCEAN STYLE APPLICATOR PART
C-1530032 TEC-C-1530032 Datasheet
1Mb / 2P
   REPLACED BY OCEAN STYLE APPLICATOR PART
logo
3M Electronics
EPX 3M-EPX Datasheet
942Kb / 2P
   3M™ EPX™ Applicators and Nozzles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com