Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2F-L3-A Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2F-L3-A
Description  Incorporating a snapping mechanism made with two highly precise split springs that ensures long durability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2F-L3-A Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2F-L3-A Datasheet HTML 1Page - Omron Electronics LLC D2F-L3-A Datasheet HTML 2Page - Omron Electronics LLC D2F-L3-A Datasheet HTML 3Page - Omron Electronics LLC D2F-L3-A Datasheet HTML 4Page - Omron Electronics LLC D2F-L3-A Datasheet HTML 5Page - Omron Electronics LLC D2F-L3-A Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
D
2
F
D2F
Ultra Subminiature Basic Switch
Ultra Subminiature Basic
Switch with plenty of
terminal variations
● Incorporating a snapping mechanism made with
two highly precise split springs that ensures long
durability.
● Using insertion molded terminals
that prevents flux penetration.
● In addition to self-clinching PCB, left-angled,
right-angled terminals,
2 types of soldering terminals are available.
RoHS Compliant
Model Number Legend
List of Models
Ratings
3 A
1 A
0.1 A
Maximum Operating Force (OF)
General Purpose
1.47 N {150 gf}
Low Operating Force
0.74 N {75 gf}
General Purpose
1.47 N {150 gf}
Low Operating Force
0.74 N {75 gf}
Actuator
Terminals
Pin plunger
PCB terminals (Standard)
D2F
D2F-F
D2F-01
D2F-01F
Self-clinching PCB terminals
D2F-T
D2F-F-T
D2F-01-T
D2F-01F-T
PCB terminals (Right-angled)
D2F-A
D2F-F-A
D2F-01-A
D2F-01F-A
PCB terminals (Left-angled)
D2F-A1
D2F-F-A1
D2F-01-A1
D2F-01F-A1
Solder terminals
D2F-D3
D2F-F-D3
D2F-01-D3
D2F-01F-D3
Compact solder terminals
D2F-D
D2F-F-D
D2F-01-D
D2F-01F-D
Hinge lever
PCB terminals (Standard)
D2F-L
D2F-FL
D2F-01L
D2F-01FL
Self-clinching PCB terminals
D2F-L-T
D2F-FL-T
D2F-01L-T
D2F-01FL-T
PCB terminals (Right-angled)
D2F-L-A
D2F-FL-A
D2F-01L-A
D2F-01FL-A
PCB terminals (Left-angled)
D2F-L-A1
D2F-FL-A1
D2F-01L-A1
D2F-01FL-A1
Solder terminals
D2F-L-D3
D2F-FL-D3
D2F-01L-D3
D2F-01FL-D3
Compact solder terminals
D2F-L-D
D2F-FL-D
D2F-01L-D
D2F-01FL-D
D2F -
@@@@
1. Ratings
None : 125 VAC 3A
125 VAC 1A (Low operating force)
01 : 30 VDC 0.1A
2. Maximum Operating Force (OF)
None : 1.47 N {150 gf}
F
: 0.74 N {75 gf}
Note. The given values are for pin plunger models only.
3. Actuator
None : Pin plunger
L
: Hinge lever
L2 : Hinge Roller Lever
L3 : Simulated roller lever (R1.3)
L30 : Simulated roller lever (R2.5)
4. Terminals
None : PCB terminals (Straight)
-T : Self-clinching PCB terminals
-A : PCB terminals (Right-angled)
-A1 : PCB terminals (Left-angled)
-D3 : Solder terminals
-D : Compact solder terminals
1
2
3
4


Similar Part No. - D2F-L3-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2F-L3-A OMRON-D2F-L3-A Datasheet
703Kb / 8P
   Snap Action Switch
D2F-L3-A OMRON-D2F-L3-A Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
D2F-L3-A1 OMRON-D2F-L3-A1 Datasheet
703Kb / 8P
   Snap Action Switch
D2F-L3-A1 OMRON-D2F-L3-A1 Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
D2F-L3-A1D2F-01FL2 OMRON-D2F-L3-A1D2F-01FL2 Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
More results

Similar Description - D2F-L3-A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1942785 PHOENIX-1942785 Datasheet
123Kb / 4P
   Defined contact force ensures that contact remains stable over the long term
logo
Micronas
HAL1002 MICRONAS-HAL1002 Datasheet
400Kb / 29P
   Highly Precise Programmable Hall-Effect Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Rohm
BA9743AFV-E ROHM-BA9743AFV-E Datasheet
4Mb / 17P
   A 2-channel ICs, incorporating a switching regulator controller that uses a pulse width modulation.
logo
Analog Devices
ADSP-2141L AD-ADSP-2141L_15 Datasheet
260Kb / 39P
   highly integrated embedded security processor that incorporates a sophisticated
REV. 0
logo
Broadcom Corporation.
BCM2051 BOARDCOM-BCM2051 Datasheet
35Kb / 2P
   HIGHLY LINEAR RECEIVE PATH ENSURES ROBUST, INTERFERENCE FREE OPERATION
logo
ZF Friedrichshafen AG
E51 ZFSWITCHES-E51 Datasheet
2Mb / 2P
   Long life coil spring mechanism
E61 ZFSWITCHES-E61 Datasheet
771Kb / 3P
   Long life coil spring mechanism
logo
Cherry Semiconductor Co...
E5300T CHERRY-E5300T Datasheet
2Mb / 2P
   Long life coil spring mechanism
logo
NXP Semiconductors
TDA3857 PHILIPS-TDA3857 Datasheet
110Kb / 14P
   Quasi-split sound processor with two FM demodulators
June 1994
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com