Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2S-01L Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2S-01L
Description  One-piece terminal construction to keep out flux
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2S-01L Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2S-01L Datasheet HTML 1Page - Omron Electronics LLC D2S-01L Datasheet HTML 2Page - Omron Electronics LLC D2S-01L Datasheet HTML 3Page - Omron Electronics LLC D2S-01L Datasheet HTML 4Page - Omron Electronics LLC D2S-01L Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
D2S
Subminiature Basic Switch
D
2
S
Dimensions (Unit: mm) and Operating Characteristics
The following figures show models with self-clinching PCB terminals. For the solder terminals, refer to "Terminals/Appearances".
The @ is replaced with the code for the terminal that you need. See the "List of Models" for available combinations of models.
Note 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
Terminals/Appearances (Unit: mm)
●Solder terminals
●Self-clinching PCB terminals
<PCB Mounting Dimensions (Reference)>
3.3±0.1
6.4±0.2
0.5
2
16.1±0.2
1.85
9.5±0.1
8.8±0.2
1.6
3.2
7.3
5.15
3-1.6 dia.holes
3.3±0.1
6.4±0.2
0.5
1.3
2
16.1±0.2
1.85
9.5±0.1
5.15
8.8±0.2
0.8
1.2
1.8±0.1
3.9
8.8±0.2
3-1.35
1.5 dia.
16.1±0.2
PCB's thickness t
1.6mm
Mounting Holes (Unit: mm)
9.5±0.1
2-2.4 dia. mounting holes or
M2.3 screw holes
7.5±0.1
1.8
5.3
2.35±0.05 dia.
2.35±0.05 dia.
7
7.7
OP
PT
3.6
3.3±0.1
3.9
6.4±0.2
0.5
1.8±0.1
1.3
2
19.8±0.2
16.1±0.2
9.5±0.1
A
2.5
2.5±0.07
0.07
dia.
dia.
2.5±0.07 dia.
●Pin plunger
D2S-10@
D2S-5@
D2S-5-F@
D2S-01@
D2S-01-F@
Operating
characteristics
Model
D2S-10@
D2S-5@
D2S-01@
D2S-5-F@
D2S-01-F@
Operating Force
OF Max.
Releasing Force
RF Min.
1.47 N {150 gf}
0.25 N {25 gf}
0.49 N {50 gf}
0.04 N {4 gf}
Pretravel
PT Max.
Overtravel
OT Min.
Movement Differential MD Max.
0.7 mm
0.4 mm
0.1 mm
Operating Position
OP
8.4
±0.25 mm
●Hinge lever
D2S-10L@
D2S-5L@
D2S-5L-F@
D2S-01L@
D2S-01L-F@
Operating
characteristics
Model
D2S-10L@
D2S-5L@
D2S-01L@
D2S-5L-F@
D2S-01L-F@
Operating Force
OF Max.
Releasing Force
RF Min.
0.49 N {50 gf}
0.06 N {6 gf}
0.18 N {18 gf}
0.02 N {2 gf}
Overtravel
OT Min.
Movement Differential MD Max.
1.0 mm
0.8 mm
Free Position
FP Max.
Operating Position
OP
13.6 mm
9.4
±0.8mm
14.5
t
0.3 *
2.35±0.05 dia.
2.35±0.05 dia.
7
7.7
OP
FP
3.6
3.3±0.1
3.9
* Stainless-steel lever
6.4±0.2
0.5
1.3
2
19.8±0.2
16.1±0.2
9.5±0.1
2.5
2.5±0.07
0.07
dia.
dia.
2.5±0.07 dia.
A
1.8±0.1
●Simulated roller lever
D2S-10L13@
D2S-5L13@
D2S-5L13-F@
D2S-01L13@
D2S-01L13-F@
Operating
characteristics
Model D2S-10L13@
D2S-5L13@
D2S-01L13@
D2S-5L13-F@
D2S-01L13-F@
Operating Force
OF Max.
Releasing Force
RF Min.
0.49 N {50 gf}
0.06 N {6 gf}
0.18 N {18 gf}
0.02 N {2 gf}
Overtravel
OT Min.
Movement Differential MD Max.
1.0 mm
0.8 mm
Free Position
FP Max.
Operating Position
OP
15.5 mm
11.4
±0.8 mm
15.8
t
0.3 *
2.35±0.05 dia.
2.35±0.05 dia.
R1.3
7
7.7
OP
FP
3.6
3.3±0.1
3.9
*Stainless-steel lever
6.4±0.2
0.5
1.3
2
19.8±0.2
16.1±0.2
9.5±0.1
A
1.8±0.1
2.5
2.5±0.07
0.07
dia.
dia.
2.5±0.07 dia.


Similar Part No. - D2S-01L

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2S-01L OMRON-D2S-01L Datasheet
609Kb / 5P
   Subminiature Switch with Superb Flux Resistance
D2S-01L-F OMRON-D2S-01L-F Datasheet
609Kb / 5P
   Subminiature Switch with Superb Flux Resistance
D2S-01L-FD OMRON-D2S-01L-FD Datasheet
609Kb / 5P
   Subminiature Switch with Superb Flux Resistance
D2S-01L13 OMRON-D2S-01L13 Datasheet
609Kb / 5P
   Subminiature Switch with Superb Flux Resistance
D2S-01L13-F OMRON-D2S-01L13-F Datasheet
609Kb / 5P
   Subminiature Switch with Superb Flux Resistance
More results

Similar Description - D2S-01L

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0354279710 MOLEX5-0354279710 Datasheet
129Kb / 2P
   6.00mm (.236") Tab Wire-to-Wire Terminal, Female, One-Piece Type
logo
Ralston Instruments.
QTHA-FLTS-HC-40 RALSTON-QTHA-FLTS-HC-40 Datasheet
498Kb / 1P
   Filter out particulate from the process to keep your hose and calibrator
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
List of Unclassifed Man...
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
   One-Piece Steel Surface Raceway
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com