Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB101S Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # DB101S
Description  SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DB101S Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  DB101S Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DB101S Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DB101S Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
version:02
0.402(10.2)
0.378 9.6
0.311
0.291
7.9
7.4
0.035
0.043
0.9
1.1
VRWM
RRM
J
C
0
DB101S THRU DB107S
SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Features
· Glass passivated die construction
· Low forward voltage drop
· High current capability
· High surge current capability
· Designed for surface mount application
· Plastic material-UL flammability 94V-
Mechanical Data
· Case: DB-S, molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
· Lead Free: For RoHS / Lead Free
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL DB101S DB102S DB103S DB104S DB105S DB106S DB107S UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
50
100
200
400
600
800
1000
V
VDC
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1)@T
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per element
@IF=1.0A
VFM
1.0
V
Peak Reverse Current
@TA=25℃
At Rated DC Blocking Voltage
@TA=125℃
IR
5.0
uA
Typical Junction Capacitance per leg
25
pF
Typical Thermal Resistance per leg
(Note 2)
RθJA
40
/W
RθJL
15
Operating and Storage Temperature Range
TJ,TSTG
-55to+150
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 3
-
+
~
~
DB-S
Dimensions in inches and (millimeters)
www.dyelec.com
Version
I2t Rating for Fusing (t < 8.3ms)
t
2
I
A
2s
0.083
2.10
0.313
0.329
7.95
8.35
0.098(2.50)
0.205(5.2)
0.197(5.0)
C
=100℃
IF(AV)
45
8.404
200


Similar Part No. - DB101S

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DB101S YFWDIODE-DB101S Datasheet
76Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Rectron Semiconductor
DB101S RECTRON-DB101S Datasheet
20Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Jiangsu High diode Semi...
DB101S HDSEMI-DB101S Datasheet
1Mb / 3P
   DBS Plastic-Encapsulate Bridge Rectifier
logo
Shanghai Shunye Electro...
DB101S SY-DB101S Datasheet
972Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
DB101S JUXING-DB101S Datasheet
1Mb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - DB101S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MB05MU DYELEC-MB05MU Datasheet
1,001Kb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB101S DYELEC-EDB101S Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101_17 Datasheet
3Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101 DYELEC-DB101 Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101 Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1SU DYELEC-MB1SU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101S DYELEC-UDB101S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101 DYELEC-DB101_16 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB101 DYELEC-RDB101_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS2U DYELEC-ABS2U_16 Datasheet
5Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Sangdest Microelectroni...
ABF2U SMC-ABF2U Datasheet
175Kb / 5P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com