Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFC025CTP Datasheet(PDF) 2 Page - Visual Communications Company

Part # LFC025CTP
Description  for use with surface-mount or through-hole LEDs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

LFC025CTP Datasheet(HTML) 2 Page - Visual Communications Company

  LFC025CTP Datasheet HTML 1Page - Visual Communications Company LFC025CTP Datasheet HTML 2Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Specifications
Material
Polycarbonate, clear, UL 94-V0
mounting hole
0.155” + 0.005 (3.94mm + 0.254)
panel thickness
0.040” (1.02mm) to 0.093”(2.36mm)
Installation Specification
Recommendation: Maximum air gap (clearance) between LED and light pipe for best performance:
0.020” for wide viewing angle LED
0.050” for narrow viewing angle LED
Length
012
0.125” (3.2mm)
025
0.250” (6.4mm)
035
0.350” (8.9mm)
037
0.375” (9.5mm)
050
0.500” (12.7mm)
063
0.625” (15.9mm)
075
0.750” (19.0mm)
100
1.000” (25.4mm)
LFC
CTP
Ordering Number: RTN125
Retainer for LFC Series 5mm Light Pipe (order
separately)
recommended for high vibration applications
secure and uniform placement of the light pipe
to the panel
field-proven design
panel
retainer
light pipe
Please see datasheet RTN125 for more details
Ordering Data and Optional Accessory
Compliances and Approvals
2
the first call for illuminated components
www.vcclite.com
1.800.522.5546
01/17 Rev 2


Similar Part No. - LFC025CTP

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LFC TOKO-LFC Datasheet
173Kb / 2P
   AM CERAMIC FILTERS
logo
BELIMO AIRCONTROLS (USA...
LFC24-3-RUS BELIMO-LFC24-3-RUS Datasheet
535Kb / 3P
   On/Off, Floating Point, Spring Return, 24 V, Trane Voyager Retrofit
LFC24-3-SUS BELIMO-LFC24-3-SUS Datasheet
826Kb / 3P
   On/Off, Floating Point, Spring Return, 24 V, Trane Voyager Retrofit
LFC24-3US BELIMO-LFC24-3US Datasheet
777Kb / 3P
   On/Off, Floating Point, Spring Return, 24 V
logo
List of Unclassifed Man...
LFC32C1 ETC2-LFC32C1 Datasheet
34Kb / 1P
   1.7mm 2 Pin Ceramic Surface Mount Crystal
More results

Similar Description - LFC025CTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
LFB012CTP VCC-LFB012CTP Datasheet
143Kb / 2P
   for use with surface-mount or through-hole LEDs
logo
Aavid, Thermal Division...
573300D00010 AAVID-573300D00010 Datasheet
89Kb / 2P
   For use with Surface Mount packages
573100D00000 AAVID-573100D00000 Datasheet
85Kb / 2P
   For use with Surface Mount packages
573400D00010 AAVID-573400D00010 Datasheet
92Kb / 2P
   For use with Surface Mount packages
logo
Rohm
SLA580 ROHM-SLA580 Datasheet
94Kb / 2P
   Through-hole LEDs
logo
Grayhill, Inc
70GRCM32 GRAYHILL-70GRCM32 Datasheet
499Kb / 2P
   For Use with MicroDac or PAMUX Controllers
logo
List of Unclassifed Man...
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
   through-hole or SMD
3FTL600 ETC2-3FTL600 Datasheet
301Kb / 6P
   through-hole or SMD
AQC09-242 ETC2-AQC09-242 Datasheet
102Kb / 5P
   Through-hole or SMD
1T09 ETC2-1T09 Datasheet
126Kb / 7P
   through-hole or SMD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com