Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2F-L Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2F-L
Description  Incorporating a snapping mechanism made with two highly precise split springs that ensures long durability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2F-L Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2F-L Datasheet HTML 1Page - Omron Electronics LLC D2F-L Datasheet HTML 2Page - Omron Electronics LLC D2F-L Datasheet HTML 3Page - Omron Electronics LLC D2F-L Datasheet HTML 4Page - Omron Electronics LLC D2F-L Datasheet HTML 5Page - Omron Electronics LLC D2F-L Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
D2F
Ultra Subminiature Basic Switch
D
2
F
Note. The data given above are initial values.
*1.
The values are at Free Position and Total Travel Position values for pin plunger, and Total Travel Position value for lever.
Close or open circuit of the contact is 1ms max.
*2.
For testing conditions, consult your OMRON sales representative.
Terminals/Appearances (Unit: mm)
Mounting Holes (Unit: mm)
Dielectric
strength
Between terminals of the same
polarity
600 VAC 50/60 Hz for 1min
Between current-carrying metal
parts and ground
1,500 VAC 50/60 Hz for 1min
Between each terminal and
non-current-carrying metal parts
1,500 VAC 50/60 Hz for 1min
Vibration
resistance * 1
Malfunction
10 to 55 Hz, 1.5-mm double amplitude
Shock
resistance
Durability
1,000 m/s2 {approx. 100G} max.
Malfunction * 1
300 m/s2 {approx. 30G} max.
Durability * 2
Mechanical
1,000,000 operations min. (60 operations/min)
Electrical
100,000 operations min.
(30 operations/min)
30,000 operations min.
(30 operations/min)
Degree of protection
IEC IP40
Ambient operating temperature
-25°C to +85°C (at ambient humidity 60% max.)
(with no icing or condensation)
Ambient operating humidity
85% max. (for +5°C to +35°C)
Weight
Approx. 0.5 g (pin plunger models)
Item
Model
D2F-01 models
D2F-F models
D2F models
●PCB terminals (Straight)
●Self-clinching PCB terminals
<PCB Mounting Dimensions (Reference)>
●PCB terminals (Right-angled)
●PCB terminals (Left-angled)
●Solder terminals
●Compact solder terminals
5.8±0.15
0.4
1.5
3.5
0.9
5.08
5.08
12.8±0.15
6.5±0.1
3.15
5.8±0.15
1.6±0.15
1.5
0.4±0.05
1.25±0.15
1.5
3.4
0.9
5.08
5.08
6.5±0.1
3.15
12.8±0.15
5.8±0.15
3-1.2 dia. holes
5.08±0.1
12.8±0.15
5.8±0.15
2.6±0.2
0.4
3.1±0.2
1.5
0.9
5.08
5.08
6.5±0.1
3.15
12.8±0.15
5.8±0.15
2.6±0.2
0.4
3.1±0.2
1.5
0.9
5.08
5.08
6.5±0.1
3.15
12.8±0.15
5.8±0.15
0.4
1.5
3.5
2.2
1.2
5.08
5.08
6.5±0.1
3.15
2
0.5
12.8±0.15
5.8±0.15
0.4
1.5
2.4
1.6
5.08
5.08
3
−0.8 dia. holes
12.8±0.15
6.5±0.1
3.15
2-2 dia. mounting holes
6.5±0.15


Similar Part No. - D2F-L

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2F-L OMRON-D2F-L Datasheet
703Kb / 8P
   Snap Action Switch
D2F-L OMRON-D2F-L Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
D2F-L-A OMRON-D2F-L-A Datasheet
703Kb / 8P
   Snap Action Switch
D2F-L-A OMRON-D2F-L-A Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
D2F-L-A1 OMRON-D2F-L-A1 Datasheet
703Kb / 8P
   Snap Action Switch
More results

Similar Description - D2F-L

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1942785 PHOENIX-1942785 Datasheet
123Kb / 4P
   Defined contact force ensures that contact remains stable over the long term
logo
Micronas
HAL1002 MICRONAS-HAL1002 Datasheet
400Kb / 29P
   Highly Precise Programmable Hall-Effect Switch
logo
Omron Electronics LLC
E6C3 OMRON-E6C3 Datasheet
339Kb / 20P
   An Encoder That Offers Durability and Convenience
logo
Rohm
BA9743AFV-E ROHM-BA9743AFV-E Datasheet
4Mb / 17P
   A 2-channel ICs, incorporating a switching regulator controller that uses a pulse width modulation.
logo
Analog Devices
ADSP-2141L AD-ADSP-2141L_15 Datasheet
260Kb / 39P
   highly integrated embedded security processor that incorporates a sophisticated
REV. 0
logo
Broadcom Corporation.
BCM2051 BOARDCOM-BCM2051 Datasheet
35Kb / 2P
   HIGHLY LINEAR RECEIVE PATH ENSURES ROBUST, INTERFERENCE FREE OPERATION
logo
ZF Friedrichshafen AG
E51 ZFSWITCHES-E51 Datasheet
2Mb / 2P
   Long life coil spring mechanism
E61 ZFSWITCHES-E61 Datasheet
771Kb / 3P
   Long life coil spring mechanism
logo
Cherry Semiconductor Co...
E5300T CHERRY-E5300T Datasheet
2Mb / 2P
   Long life coil spring mechanism
logo
NXP Semiconductors
TDA3857 PHILIPS-TDA3857 Datasheet
110Kb / 14P
   Quasi-split sound processor with two FM demodulators
June 1994
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com