Electronic Components Datasheet Search |
|
D2S-5 Datasheet(PDF) 4 Page - Omron Electronics LLC |
|
D2S-5 Datasheet(HTML) 4 Page - Omron Electronics LLC |
4 / 5 page 4 D2S Subminiature Basic Switch D 2 S Note 1. Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions. Note 2. The operating characteristics are for operation in the A direction ( ). Precautions ★ Please refer to "Basic Switches Common Precautions" for correct use. ●Soldering When using automatic soldering baths, we recommend soldering at 260±5°C within 5 seconds. Make sure that the liquid surface of the solder does not flow over the edge of the board. When soldering terminals manually, complete the soldering at the iron tip temperature between 350 to 400°C within 3 seconds, and do not apply any external force for 1 minute after soldering. When applying solder, keep the solder away from the case of the Switch and do not allow solder or flux to flow into the case. ●Mounting Use M2.3 mounting screw with plane washers or spring washers to securely mount the Switch. Tighten the screws to a torque of 0.23 to 0.26 N·m {2.3 to 2.7 kgf·cm}. ●Using Micro Loads Using a model for ordinary loads to open or close the contact of a micro load circuit may result in faulty contact. Use models that operate in the following range. However, even when using micro load models within the following operating range, if inrush current occurs when the contact is opened or closed, it may increase the contact wear and so decrease durability. Therefore, insert a contact protection circuit where necessary. The N-level reference value applies for the minimum applicable load. This value indicates the malfunction reference level for the reliability level of 60% ( λ60). (JIS C5003) The equation, λ60=0.5×10-6/operations indicates that the estimated malfunction rate is less than operations with a reliability level of 60%. ●Hinge roller lever D2S-10L2@ D2S-5L2@ D2S-5L2-F@ D2S-01L2@ D2S-01L2-F@ Operating characteristics Model D2S-10L2@ D2S-5L2@ D2S-01L2@ D2S-5L2-F@ D2S-01L2-F@ Operating Force OF Max. Releasing Force RF Min. 0.49 N {50 gf} 0.06 N {6 gf} 0.18 N {18 gf} 0.02 N {2 gf} Overtravel OT Min. Movement Differential MD Max. 1.0 mm 0.8 mm Free Position FP Max. Operating Position OP 19.3 mm 15.1 ±0.8 mm 14.5 t=0.3 *1 2.35±0.05 dia. 2.35±0.05 dia. 7 7.7 OP FP 4.8x3.2 *2 dia. 3.3±0.1 3.9 *1. Stainless-steel lever *2. Polyacetal resin roller 6.4±0.2 0.5 1.3 2 19.8±0.2 16.1±0.2 9.5±0.1 2.5 2.5±0.07 0.07 dia. dia. 2.5±0.07 dia. A 1.8±0.1 Cautions Correct Use 1 2,000,000 30 24 12 5 0 1 10 100 1,000 Current (mA) 0.1 1 mA Normal load type Operating range D2S-5 D2S-10 Micro load type Operating range D2S-01 26 mA 0.16 mA 100 mA 160 mA 100 mA |
Similar Part No. - D2S-5 |
|
Similar Description - D2S-5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |