Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9510-G212-J1F0-B Datasheet(PDF) 3 Page - ETAL Group

Part # 9510-G212-J1F0-B
Description  Utility vehicles for hazardous goods
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

9510-G212-J1F0-B Datasheet(HTML) 3 Page - ETAL Group

  9510-G212-J1F0-B Datasheet HTML 1Page - ETAL Group 9510-G212-J1F0-B Datasheet HTML 2Page - ETAL Group 9510-G212-J1F0-B Datasheet HTML 3Page - ETAL Group 9510-G212-J1F0-B Datasheet HTML 4Page - ETAL Group 9510-G212-J1F0-B Datasheet HTML 5Page - ETAL Group 9510-G212-J1F0-B Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Battery Master Switch BMS01
www.e-t-a.de
1615
3
2
Battery Master Switch BMS01
Connection diagram 1-pole
AUX
CTRL
- Batt
+ Batt
- Load
+ Load
shutdown
K13
signal
K14
EX-barrier
control
1
2
3
4
5
6
7
1
2
BMS01
tachograph
87a
D+
87
31a
15
86
85
31a
30a
31a
31
30a
31
30
+
ADR switch
Outside
ADR switch
Inside
Note: Ground terminal has to be connected via -Batt.
CTRL
1 and 2
to switch the battery isolation switch ON and OFF by
means of a control switch in the driver´s cab and one
or more control switches outside the vehicle (if required)
AUX
1 and 2
current-limited supply line for permanently
energised loads, e. g. tachograph, limited to 1 A
3 and 4
shutdown contact, which opens immediately after the
control switch has been operated and remains open until
the battery is disconnected
5
to de-activate low voltage disconnection when driving;
only for configuration “1” for “Control function: low
voltage monitoring”
6 and 7
signal contact, closes during the response delay and may
be used for an acoustic alarm signal during the period
until final disconnection of the battery
Pin Assignment
Terminal design
IP54
A B
A B
cable lug
cable binder
This is a metric design and millimeter dimensions take precedence ( mm )
inch
Rubber caps
Connection diagram 2-pole
AUX
CTRL
- Batt
+ Batt
- Load
+ Load
shutdown
K13
signal
K14
EX-barrier
control
1
2
3
4
5
6
7
1
2
BMS01
tachograph
87a
D+
87
31a
15
86
85
31a
30a
31a
31
30a
31
30
+
ADR switch
Outside
ADR switch
Inside
31a
Note: the rubber caps can be cut to match the outer diameter of the
connected cable.
Outer cable dia.
(mm)
Inner dia. of rubber
caps (mm)
Cutting position
14 - 17
13
-
> 17 - 22
16
A - A
> 22 - 25.4
21
B - B


Similar Part No. - 9510-G212-J1F0-B

ManufacturerPart #DatasheetDescription
logo
ETAL Group
9510-G212-J1F0 ETAL-9510-G212-J1F0 Datasheet
180Kb / 4P
   Simulators.
More results

Similar Description - 9510-G212-J1F0-B

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDCLMS1.PC OSRAM-KWDCLMS1.PC Datasheet
1Mb / 25P
   White Goods Lighting
logo
CSB Battery Co., Ltd.
EVX12650 CSB-BATTERY-EVX12650 Datasheet
531Kb / 2P
   designed specially for electric vehicles
EVX12520 CSB-BATTERY-EVX12520_16 Datasheet
827Kb / 2P
   Designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650_16 Datasheet
799Kb / 2P
   Designed specially for electric vehicles
EVX12750 CSB-BATTERY-EVX12750_16 Datasheet
822Kb / 2P
   Designed specially for electric vehicles
EVX121000 CSB-BATTERY-EVX121000 Datasheet
533Kb / 2P
   designed specially for electric vehicles
EVH12140 CSB-BATTERY-EVH12140 Datasheet
535Kb / 2P
   designed specially for electric vehicles
EVH12390 CSB-BATTERY-EVH12390 Datasheet
534Kb / 2P
   designed specially for electric vehicles
EVX12120 CSB-BATTERY-EVX12120 Datasheet
509Kb / 2P
   designed specially for electric vehicles
EVX12340 CSB-BATTERY-EVX12340 Datasheet
518Kb / 2P
   designed specially for electric vehicles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com