Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMS01-2021-0 Datasheet(PDF) 4 Page - ETAL Group

Part # BMS01-2021-0
Description  Utility vehicles for hazardous goods
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

BMS01-2021-0 Datasheet(HTML) 4 Page - ETAL Group

  BMS01-2021-0 Datasheet HTML 1Page - ETAL Group BMS01-2021-0 Datasheet HTML 2Page - ETAL Group BMS01-2021-0 Datasheet HTML 3Page - ETAL Group BMS01-2021-0 Datasheet HTML 4Page - ETAL Group BMS01-2021-0 Datasheet HTML 5Page - ETAL Group BMS01-2021-0 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Battery Master Switch BMS01
www.e-t-a.de
1615
4
2
Functional diagrams
Diagram 1
Type: BMS01-2120
switch on/off via control switch
control switch emergency
stop
battery isolation switch
K13 aux. contact
K14 aux. contact
tV
tN
tN
9.5 s
10 s
ON
OFF
ON
OFF
active
passive
active
passive
Diagram 2
Type: BMS01-2121
with low voltage monitoring and automatic disconnection
control switch emergency
stop
battery isolation switch
control input pin 5
voltage monitoring
K13 aux. contact
K14 aux. contact
tV
tN
tN
9.5 s
60 s
ON
OFF
ON
OFF
Plus
Minus
active
passive
active
passive
U > 23.3 V
U < 22.8 V
Diagram 3
Type: BMS01-2123
with low voltage monitoring and signalisation via K14
and ON/OFF operation via control switch
control switch emergency
stop
battery isolation switch
K13 aux. contact
control input pin 5
voltage monitoring
K14 aux. contact
tV
tN
9.5 s
10 s
ON
OFF
ON
OFF
Plus
Minus
active
passive
U > 23.3 V
U < 22.8 V
active
passive


Similar Part No. - BMS01-2021-0

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BMS-1811 DBLECTRO-BMS-1811 Datasheet
88Kb / 1P
   BMS-1811
BMS-2011 DBLECTRO-BMS-2011 Datasheet
90Kb / 1P
   BMS-1811
BMS-2301 DBLECTRO-BMS-2301 Datasheet
91Kb / 1P
   BMS-2301
BMS-2508H DBLECTRO-BMS-2508H Datasheet
98Kb / 1P
   BMS-2508H
BMS-2701 DBLECTRO-BMS-2701 Datasheet
89Kb / 1P
   BMS-2701
More results

Similar Description - BMS01-2021-0

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDCLMS1.PC OSRAM-KWDCLMS1.PC Datasheet
1Mb / 25P
   White Goods Lighting
logo
CSB Battery Co., Ltd.
EVX12650 CSB-BATTERY-EVX12650 Datasheet
531Kb / 2P
   designed specially for electric vehicles
EVX12520 CSB-BATTERY-EVX12520_16 Datasheet
827Kb / 2P
   Designed specially for electric vehicles
EVX12650 CSB-BATTERY-EVX12650_16 Datasheet
799Kb / 2P
   Designed specially for electric vehicles
EVX12750 CSB-BATTERY-EVX12750_16 Datasheet
822Kb / 2P
   Designed specially for electric vehicles
EVX121000 CSB-BATTERY-EVX121000 Datasheet
533Kb / 2P
   designed specially for electric vehicles
EVH12140 CSB-BATTERY-EVH12140 Datasheet
535Kb / 2P
   designed specially for electric vehicles
EVH12390 CSB-BATTERY-EVH12390 Datasheet
534Kb / 2P
   designed specially for electric vehicles
EVX12120 CSB-BATTERY-EVX12120 Datasheet
509Kb / 2P
   designed specially for electric vehicles
EVX12340 CSB-BATTERY-EVX12340 Datasheet
518Kb / 2P
   designed specially for electric vehicles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com