Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK1707SILF Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK1707SILF
Description  Low EMI Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK1707SILF Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK1707SILF Datasheet HTML 1Page - Integrated Circuit Systems MK1707SILF Datasheet HTML 2Page - Integrated Circuit Systems MK1707SILF Datasheet HTML 3Page - Integrated Circuit Systems MK1707SILF Datasheet HTML 4Page - Integrated Circuit Systems MK1707SILF Datasheet HTML 5Page - Integrated Circuit Systems MK1707SILF Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Low EMI Clock Generator
MDS 1707 G
4
Revision 032204
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
MK1707
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the MK1707. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V, Ambient Temperature 0 to +85
°C
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature, Commercial
0 to +85
°C
Ambient Operating Temperature, Industrial
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
0
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.135
+5.5
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.135
5.5
V
Supply Current
IDD
No load, at 3.3 V
20
mA
IDD
No load, at 5 V
31
mA
IDDPD
S0=S1=SD=1
60
µA
Input High Voltage
VIH
ICLK
(VDD/2) + 1
VDD/2
V
Input Low Voltage
VIL
ICLK
VDD/2
(VDD/2) - 1
V
Input High Voltage
VIH
S1, S0
VDD-0.5
V
Input High Voltage
VIH
other inputs
2
V
Input Low Voltage
VIL
S0, S1, SD, LEE pins
0.5
V
Output High Voltage
VOH
CMOS, IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = -12 mA
0.4
V
Input Capacitance
CIN
S0, S1, SD, LEE pins
5
pF


Similar Part No. - MK1707SILF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1707SILF RENESAS-MK1707SILF Datasheet
246Kb / 8P
   LOW EMI CLOCK GENERATOR
REV L 072312
MK1707SILFTR RENESAS-MK1707SILFTR Datasheet
246Kb / 8P
   LOW EMI CLOCK GENERATOR
REV L 072312
More results

Similar Description - MK1707SILF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
ICS181-01 RENESAS-ICS181-01 Datasheet
292Kb / 9P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
ICS18002 ICST-ICS18002 Datasheet
100Kb / 6P
   Low EMI Clock Generator
ICS18001 ICST-ICS18001 Datasheet
103Kb / 7P
   Low EMI Clock Generator
logo
Renesas Technology Corp
MK1704A RENESAS-MK1704A Datasheet
344Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
IDT5V50015 RENESAS-IDT5V50015 Datasheet
364Kb / 10P
   LOW EMI CLOCK GENERATOR
031109
ICS4231-03 RENESAS-ICS4231-03 Datasheet
312Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
MK5811 RENESAS-MK5811 Datasheet
248Kb / 8P
   LOW EMI CLOCK GENERATOR
051310
logo
Integrated Circuit Syst...
MK1707D ICST-MK1707D Datasheet
134Kb / 7P
   Low EMI Clock Generator
ICS18003 ICST-ICS18003 Datasheet
99Kb / 6P
   Low EMI Clock Generator
ICS18101 ICST-ICS18101 Datasheet
103Kb / 7P
   Low EMI Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com