Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-1073-0100-437-B3-K12-5 Datasheet(PDF) 3 Page - ETAL Group

Part # E-1073-0100-437-B3-K12-5
Description  Battery and cable protection for all types of vehicle (including electric), battery powered systems.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

E-1073-0100-437-B3-K12-5 Datasheet(HTML) 3 Page - ETAL Group

  E-1073-0100-437-B3-K12-5 Datasheet HTML 1Page - ETAL Group E-1073-0100-437-B3-K12-5 Datasheet HTML 2Page - ETAL Group E-1073-0100-437-B3-K12-5 Datasheet HTML 3Page - ETAL Group E-1073-0100-437-B3-K12-5 Datasheet HTML 4Page - ETAL Group E-1073-0100-437-B3-K12-5 Datasheet HTML 5Page - ETAL Group E-1073-0100-437-B3-K12-5 Datasheet HTML 6Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Battery Isolation Switch E-1073-437
www.e-t-a.de
1646
3
2
Battery Isolation Switch E-1073-437
Dimensions
92
2.84
57
M5
23
13
11 12
14
a
b
24
72
FE
CB
141
5
6
167
E-1073-…-437-…-K60-…
9
M10x25
tightening torque max. 4 Nm
2.24
.354
94
3.70
3.62
5.55
6.58
Connection diagrams
E-1073-.1…-437 control function ON/OFF switch
ON / OFF
switch
series 437
(
Electronic control unit
I >
FE
load
A-W
II 11
23
13
FA
b
a
FE
3
4
L13
brown
L15
black-
red
L12
brown
L11
green
FA
ON/OFF
battery
I
12
12
34
56
7
8
9
10
24
14
+US1
U-OFF UST.
CB
6
5
L1 red
+UB-UB
-UB
+
+
UVP OFF
undesrvoltage status
max. 2 W
L14 grey
ON/OFF
+US1
U-OFF
UST.
terminal strip
double
contact
≥ 125 A
power supply
E-1073-.2…-437 control function ON/OFF button
terminal strip
battery
double
contact
≥ 125 A
+US2
ON / OFF
test
series 437
Electronic
conrol unit
I >
FE
load
II 11
23
13
FA
b
a
FE
3
4
L13
brown
L12
brown
L11
green
FA
ON/OFF
I
12
12
34
56
78
9
10
24
14
+US1
T-OFF
T-ON
CB
6
5
L1 red
+UB-UB
-UB
ON/OFF
+US1
T-OFF
+US2
+US2
T-ON
power supply
OFF
button
ON
button
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - E-1073-0100-437-B3-K12-5

ManufacturerPart #DatasheetDescription
logo
ETAL Group
E-1071 ETAL-E-1071 Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
E-1071-623-DC24V-0.1A ETAL-E-1071-623-DC24V-0.1A Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
E-1071-623-DC24V-0.5A ETAL-E-1071-623-DC24V-0.5A Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
E-1071-623-DC24V-1.0A ETAL-E-1071-623-DC24V-1.0A Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
E-1071-623-DC24V-2.0A ETAL-E-1071-623-DC24V-2.0A Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
More results

Similar Description - E-1073-0100-437-B3-K12-5

ManufacturerPart #DatasheetDescription
logo
ETAL Group
437-K12 ETAL-437-K12 Datasheet
206Kb / 2P
   Battery and cable protection for all types of vehicles (including rail vehicles and boats), battery powered systems
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com