Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

530-K-4-B3-SI-10A Datasheet(PDF) 2 Page - ETAL Group

Part # 530-K-4-B3-SI-10A
Description  Motors, generators, transformers, thyristors and silicon rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

530-K-4-B3-SI-10A Datasheet(HTML) 2 Page - ETAL Group

  530-K-4-B3-SI-10A Datasheet HTML 1Page - ETAL Group 530-K-4-B3-SI-10A Datasheet HTML 2Page - ETAL Group 530-K-4-B3-SI-10A Datasheet HTML 3Page - ETAL Group 530-K-4-B3-SI-10A Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Performance Thermal-Magnetic Circuit Breakers 410/520/530-...
www.e-t-a.de
1646
2
1
Surface mounting
-1
rail mounting
(DIN EN 50 022-35x7,5)
-2
panel mounting
-4
Ordering information
Type No.
410
single pole (ratings > 125 A: suffix 17015 - parallel connection)
520
double pole
530
three pole
Terminal design - main terminals
K
screw terminals
10-32 A pressure plate B5-DIN 46288 (curves B3/C3, 7-25 A)
40-63 A pressure plate B6-DIN 46288 (curves B3/C3, 32-63 A)
80-125 A terminal screw DIN 46206, sheet 2, form 1, M6 thread
Mounting
1
surface mounting
2
rail mounting (DIN EN 50022-35x7.5) or panel mounting
4
panel mounting with cylinder head screw M3.5
Magnetic trip curves
01
2.1-3 x IN AC (thyristor and rectifier protection)
02
7-10 x IN AC (motor and generator protection to EN 60947)
04
3.5-5 x IN AC (cable protection to EN 60947)
05
4-6 x IN AC (generator protection to EN 60947)
B3 3-5 x IN AC (cable protection to EN 60898)
C3 5-10 x IN AC (cable protection to EN 60898)
Auxiliary contacts optional (terminals M3.5)
Si
one each N/O and N/C contact
Si1 one N/C (11,12)
Current ratings
7...125 A
520 - K - 1 - 01 - ... - 10 A
ordering example
The exact number required can be built up from the table of choices shown above.
Ordering references for optional features should be omitted if not required.
Mounting methods
Dimensions
13
.512
15.4
.606
15.4
.606
114
4.49
120
4.72
120
4.72
7
.276
9
.354
9
.354
Max.
tightening
torque
≤ 32 A
≤ 63 A
≤ 125 A
Dimensions mm/in. Terminal
B
pressure
plate B6
DIN 46288
terminal
screw
3.7
22
ø4.6
14.6 surface mounting
35
ø20
monting holes
26° 26°
92
16
symmetrical rail DIN EN 50022-35x7.5
G profile rail DIN EN 50035-G32 (not shown)
D
45
35
E
B
Si terminals M3.5
1 N/C
OFF
ON
M3.5 - thread max. 9 mm (.354 in.) deep
tightening torque max. 0.8 N
pole 1
pole 2
pole 3
1 N/O
Current
rating
Cross section (see DIN 46288)
with 1 or 2 equal
conductors
with 2 different
conductors
M5
M6
M6
CD
E
2.0 Nm
2.5 Nm
2.5 Nm
2.5 mm2 to
10 mm2
2.5 mm2 to
10 mm2
4 mm2 to
16 mm2
4 mm2 and 6 mm2
or
6 mm2 to 16 mm2
3.62
.630
1.77
1.38
.575
.146
.181
.866
.787
1.38
pressure
plate B5
DIN 46288
This is a metric design and millimeter dimensions take precedence ( mm )
inch


Similar Part No. - 530-K-4-B3-SI-10A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
530-142-0701-851 RENESAS-530-142-0701-851 Datasheet
1Mb / 22P
   This document describes specifications for the F1650NLGI Zero/Complex IF Modulator implementing Zero-DistortionTM technology for low power consumption with improved ACLR. This device interfaces directly to a high performance Tx dual DAC.
Rev1, March 2014
530-142-0711-821 RENESAS-530-142-0711-821 Datasheet
1Mb / 22P
   This document describes specifications for the F1650NLGI Zero/Complex IF Modulator implementing Zero-DistortionTM technology for low power consumption with improved ACLR. This device interfaces directly to a high performance Tx dual DAC.
Rev1, March 2014
logo
OEN India Limited
530-1A-06D0 OENINDIA-530-1A-06D0 Datasheet
98Kb / 3P
   HEAVY DUTY RELAY
530-1A-06D1 OENINDIA-530-1A-06D1 Datasheet
98Kb / 3P
   HEAVY DUTY RELAY
530-1A-06S0 OENINDIA-530-1A-06S0 Datasheet
98Kb / 3P
   HEAVY DUTY RELAY
More results

Similar Description - 530-K-4-B3-SI-10A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
4230-T1 ETAL-4230-T1 Datasheet
1Mb / 12P
   Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
logo
New Jersey Semi-Conduct...
2N5164 NJSEMI-2N5164 Datasheet
198Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
MCR264-4 NJSEMI-MCR264-4 Datasheet
98Kb / 2P
   Thyristors Silicon Controlled Rectifiers
logo
Motorola, Inc
S6200 MOTOROLA-S6200 Datasheet
78Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
logo
New Jersey Semi-Conduct...
2N6504 NJSEMI-2N6504 Datasheet
204Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
logo
Motorola, Inc
MCR218 MOTOROLA-MCR218 Datasheet
83Kb / 4P
   Thyristors(Silicon Controlled Rectifiers)
logo
New Jersey Semi-Conduct...
MCR218 NJSEMI-MCR218 Datasheet
102Kb / 2P
   Thyristors Silicon-Controlled Rectifiers
MCR1718-5 NJSEMI-MCR1718-5 Datasheet
138Kb / 2P
   THYRISTORS SILICON CONTROLLED RECTIFIERS
MCR265-2 NJSEMI-MCR265-2 Datasheet
94Kb / 2P
   Thyristors Silicon Controlled Rectifiers
logo
ETAL Group
1140-E211-P1M1 ETAL-1140-E211-P1M1 Datasheet
292Kb / 2P
   Motors, transformers, solenoids, hand-held machines and appliances
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com