Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2220C104M8GACTU Datasheet(PDF) 2 Page - Kemet Corporation

Part # C2220C104M8GACTU
Description  C0G Dielectric, 10 ??200 VDC (Commercial Grade)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220C104M8GACTU Datasheet(HTML) 2 Page - Kemet Corporation

  C2220C104M8GACTU Datasheet HTML 1Page - Kemet Corporation C2220C104M8GACTU Datasheet HTML 2Page - Kemet Corporation C2220C104M8GACTU Datasheet HTML 3Page - Kemet Corporation C2220C104M8GACTU Datasheet HTML 4Page - Kemet Corporation C2220C104M8GACTU Datasheet HTML 5Page - Kemet Corporation C2220C104M8GACTU Datasheet HTML 6Page - Kemet Corporation C2220C104M8GACTU Datasheet HTML 7Page - Kemet Corporation C2220C104M8GACTU Datasheet HTML 8Page - Kemet Corporation C2220C104M8GACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1003_C0G • 4/30/2014
2
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – C0G Dielectric, 10 – 200 VDC (Commercial Grade)
Dimensions – Millimeters (Inches)
L
B
W
S
T
EIA
Size
Code
Metric
Size
Code
L
Length
W
Width
T
Thickness
B
Bandwidth
S
Separation
Minimum
Mounting
Technique
0201
0603
0.60 (.024) ± 0.03 (.001) 0.30 (.012) ± 0.03 (.001)
See Table 2 for
Thickness
0.15 (.006) ± 0.05 (.002)
N/A
SolderReflowOnly
0402
1005
1.00 (.040) ± 0.05 (.002) 0.50 (.020) ± 0.05 (.002)
0.30 (.012) ± 0.10 (.004)
0.30 (.012)
0603
1608
1.60 (.063) ± 0.15 (.006) 0.80 (.032) ± 0.15 (.006)
0.35 (.014) ± 0.15 (.006)
0.70 (.028)
Solder Wave or
SolderReflow
0805
2012
2.00 (.079) ± 0.20 (.008) 1.25 (.049) ± 0.20 (.008)
0.50 (0.02) ± 0.25 (.010)
0.75 (.030)
1206
3216
3.20 (.126) ± 0.20 (.008) 1.60 (.063) ± 0.20 (.008)
0.50 (0.02) ± 0.25 (.010)
N/A
1210
3225
3.20 (.126) ± 0.20 (.008) 2.50 (.098) ± 0.20 (.008)
0.50 (0.02) ± 0.25 (.010)
SolderReflowOnly
1808
4520
4.70 (.185) ± 0.50 (.020) 2.00 (.079) ± 0.20 (.008)
0.60 (.024) ± 0.35 (.014)
1812
4532
4.50 (.177) ± 0.30 (.012) 3.20 (.126) ± 0.30 (.012)
0.60 (.024) ± 0.35 (.014)
1825
4564
4.50 (.177) ± 0.30 (.012) 6.40 (.252) ± 0.40 (.016)
0.60 (.024) ± 0.35 (.014)
2220
5650
5.70 (.224) ± 0.40 (.016) 5.00 (.197) ± 0.40 (.016)
0.60 (.024) ± 0.35 (.014)
2225
5664
5.60 (.220) ± 0.40 (.016) 6.40 (.248) ± 0.40 (.016)
0.60 (.024) ± 0.35 (.014)
Benefits cont'd
• Preferred capacitance solution at line frequencies and into the MHz range
• No capacitance change with respect to applied rated DC voltage
• Negligible capacitance change with respect to temperature from -55°C to +125°C
• No capacitance decay with time
• Non-polar device, minimizing installation concerns
• 100%puremattetin-platedterminationfinishallowingforexcellentsolderability
• SnPbplatedterminationfinishoptionavailableuponrequest(5%minimum)
Applications
Typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass,
filtering,transientvoltagesuppression,blockingandenergystorage.


Similar Part No. - C2220C104M8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C104M8GACTU KEMET-C2220C104M8GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C2220C104M8GACTU KEMET-C2220C104M8GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
More results

Similar Description - C2220C104M8GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C330J2GACTU KEMET-C0603C330J2GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C330J5GACTU KEMET-C0805C330J5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0603C101J1GAC KEMET-C0603C101J1GAC Datasheet
797Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C473K3GACTU KEMET-C0805C473K3GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0805C519K5GACTU KEMET-C0805C519K5GACTU Datasheet
828Kb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C0402C101J5GACTU KEMET-C0402C101J5GACTU Datasheet
795Kb / 18P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
C1206C104J3GACTU KEMET-C1206C104J3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C1206C104J3GALTU KEMET-C1206C104J3GALTU Datasheet
1Mb / 20P
   Commercial ?쏬??Series, SnPb Termination, C0G Dielectric 10 ??250 VDC (Commercial Grade)
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com