Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC7044 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC7044
Description  JESD204B clock generation
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7044 Datasheet(HTML) 4 Page - Analog Devices

  HMC7044 Datasheet HTML 1Page - Analog Devices HMC7044 Datasheet HTML 2Page - Analog Devices HMC7044 Datasheet HTML 3Page - Analog Devices HMC7044 Datasheet HTML 4Page - Analog Devices HMC7044 Datasheet HTML 5Page - Analog Devices HMC7044 Datasheet HTML 6Page - Analog Devices HMC7044 Datasheet HTML 7Page - Analog Devices HMC7044 Datasheet HTML 8Page - Analog Devices HMC7044 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
HMC7044
Data Sheet
Rev. B | Page 4 of 72
DIGITAL INPUT/OUTPUT (I/O) ELECTRICAL SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL INPUT SIGNALS (RESET, SYNC, SLEN, SCLK)
Safe Input Voltage Range1
−0.1
+3.6
V
Input Load
0.3
pF
Input Voltage
Input Logic High (VIH)
1.2
VCC
V
Input Logic Low (VIL)
0
0.5
V
SPI Bus Frequency
10
MHz
DIGITAL BIDIRECTIONAL SIGNALS CONFIGURED AS
INPUTS (SDATA, GPIO4, GPIO3, GPIO2, GPIO1)
Safe Input Voltage Range1
−0.1
+3.6
V
Input Capacitance
0.4
pF
Input Resistance
50G
Input Voltage
Input Logic High (VIH)
1.22
VCC
V
Input Logic Low (VIL)
0
0.24
V
Input Hysteresis
0.2
V
Occurs around 0.85 V
GPIO1 TO GPIO4 ALARM MUXING/DELAY
Delay from Internal Alarm/Signal to General-Purpose
Output (GPO) Driver
2
ns
Does not include tDGPO
DIGITAL BIDIRECTIONAL SIGNALS CONFIGURED AS
OUTPUTS (SDATA, GPIO4, GPIO3, GPIO2, GPIO1)
CMOS MODE
Logic 1 Level
1.6
1.9
2.2
V
Logic 0 Level
0
0.1
V
Output Drive Resistance (RDRIVE)
50
Output Driver Delay (tDGPO)
1.5 + 42 ×
CLOAD
ns
Approximately 1.5 ns + 0.69 × RDRIVE × CLOAD
(CLOAD in nF)
Maximum Supported DC Current1
0.6
mA
OPEN-DRAIN MODE1
External 1 kΩ pull-up resistor
Logic 1 Level
3.6
V
3.6 V maximum permitted; specifications
set by external supply
Logic 0 Level
0.13
0.28
V
Against a 1 kΩ external pull-up resistor to
3.3 V
Pull-Down Impedance
60
Maximum Supported Sink Current
5
mA
1
Guaranteed by design and characterization.


Similar Part No. - HMC7044

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7043 AD-HMC7043 Datasheet
919Kb / 44P
   JEDEC JESD204B support
HMC7043LP7FE AD-HMC7043LP7FE Datasheet
919Kb / 44P
   JEDEC JESD204B support
HMC7043LP7FETR AD-HMC7043LP7FETR Datasheet
919Kb / 44P
   JEDEC JESD204B support
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
More results

Similar Description - HMC7044

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP139 ONSEMI-MC10EP139_16 Datasheet
218Kb / 14P
   Clock Generation Chip
August, 2016 ??Rev. 14
MC10EL34 ONSEMI-MC10EL34_16 Datasheet
173Kb / 9P
   Clock Generation Chip
July, 2016 ??Rev. 11
logo
Analog Devices
AD9528 AD-AD9528_18 Datasheet
1Mb / 67P
   JESD204B Clock Generator with 14 LVDS/HSTL Outputs
logo
Texas Instruments
LMK04821 TI1-LMK04821 Datasheet
2Mb / 113P
[Old version datasheet]   Ultra Low-Noise JESD204B Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
LMK04828-EP TI1-LMK04828-EP_19 Datasheet
2Mb / 102P
[Old version datasheet]   Ultra-Low-Noise, JESD204B-Compliant Clock Jitter Cleaner
logo
Silicon Laboratories
SI5380-D SILABS-SI5380-D Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
logo
ON Semiconductor
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
logo
Silicon Laboratories
SI5380 SILABS-SI5380_16 Datasheet
1Mb / 53P
   Ultra-Low Phase Noise, 12-output JESD204B Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com