Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT5C1008ECA-55 Datasheet(PDF) 5 Page - Austin Semiconductor

Part # MT5C1008ECA-55
Description  128K x 8 SRAM WITH DUAL CHIP ENABLE AVAILABLE AS MILITARY SPECIFICATIONS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C1008ECA-55 Datasheet(HTML) 5 Page - Austin Semiconductor

  MT5C1008ECA-55 Datasheet HTML 1Page - Austin Semiconductor MT5C1008ECA-55 Datasheet HTML 2Page - Austin Semiconductor MT5C1008ECA-55 Datasheet HTML 3Page - Austin Semiconductor MT5C1008ECA-55 Datasheet HTML 4Page - Austin Semiconductor MT5C1008ECA-55 Datasheet HTML 5Page - Austin Semiconductor MT5C1008ECA-55 Datasheet HTML 6Page - Austin Semiconductor MT5C1008ECA-55 Datasheet HTML 7Page - Austin Semiconductor MT5C1008ECA-55 Datasheet HTML 8Page - Austin Semiconductor MT5C1008ECA-55 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C1008
Austin Semiconductor, Inc.
MT5C1008
Rev. 6.5 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
AC TEST CONDITIONS
Input pulse levels ................................... Vss to 3.0V
Input rise and fall times ....................................... 5ns
Input timing reference levels ............................. 1.5V
Output reference levels ..................................... 1.5V
Output load .............................. See Figures 1 and 2
NOTES
1.
All voltages referenced to V
SS (GND).
2.
-2V for pulse width < 20ns
3.
I
CC is dependent on output loading and cycle rates.
The specified value applies with the outputs
unloaded, and f =
1
Hz.
tRC (MIN)
4.
This parameter is guaranteed but not tested.
5.
Test conditions as specified with the output loading
as shown in Fig. 1 unless otherwise noted.
6.
tLZCE, tLZWE, tLZOE, tHZCE, tHZOE and tHZWE
are specified with CL = 5pF as in Fig. 2. Transition is
measured ±200mV typical from steady state voltage,
allowing for actual tester RC time constant.
7.
At any given temperature and voltage condition,
tHZCE is less than tLZCE, and tHZWE is less than
tLZWE and tHZOE is less than tLZOE.
8.
WE\ is HIGH for READ cycle.
9.
Device is continuously selected. Chip enables and
output enables are held in their active state.
10. Address valid prior to, or coincident with, latest
occurring chip enable.
11. tRC = Read Cycle Time.
12. CE2 timing is the same as CE1\ timing. The
waveform is inverted.
13. Chip enable (CE1\, CE2) and write enable (WE\) can
initiate and terminate a WRITE cycle.
Fig. 1 Output Load
Equivalent
Fig. 2 Output Load
Equivalent
DATA RETENTION ELECTRICAL CHARACTERISTICS (L Version Only)
+5V
Q
255
30
480
5 pF
+5V
Q
255
480
123
123
123
123
1234
1234
1234
1234
DON’T CARE
UNDEFINED
LOW Vcc DATA RETENTION WAVEFORM
123456789
123456789
123456789
123456789
123
123
123
123
1234
1234
1234
1234
12345678
12345678
12345678
12345678
123
123
123
123
1234
1234
1234
1234
123456789
123456789
123456789
123456789
123
123
123
123
1234
1234
1234
1234
12345678
12345678
12345678
12345678
123
123
123
123
1234
1234
1234
1234
DATA RETENTION MODE
V
DR > 2V
4.5V
4.5V
V
DR
tCDR
tR
<V
SS + 0.2V
V
IH
V
IL
V
IH
V
IL
V
CC
CE1\
CE2
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
NOTES
VCC for Retention Data
VDR
2
---
V
Data Retention Current
CE\ > (VCC - 0.2V)
VIN > (VCC - 0.2V)
or < 0.2V, f=0
VCC = 2V
ICCDR
1.0
mA
Chip Deselect to Data
Retention Time
tCDR
0
---
ns
4
Operation Recovery Time
tR
tRC
ns
4, 11
CONDITIONS


Similar Part No. - MT5C1008ECA-55

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1008C-30LL/MIL AUSTIN-MT5C1008C-30LL/MIL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
MT5C1008LL AUSTIN-MT5C1008LL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
More results

Similar Description - MT5C1008ECA-55

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1009 AUSTIN-MT5C1009 Datasheet
254Kb / 17P
   128K x 8 SRAM WITH CHIP & OUTPUT ENABLE
AS8ERLC128K32 AUSTIN-AS8ERLC128K32 Datasheet
559Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
AS8ER128K32 AUSTIN-AS8ER128K32_05 Datasheet
556Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
MT5C1008LL AUSTIN-MT5C1008LL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
   128K x 8 SRAM
logo
Austin Semiconductor
AS8ER128K32 AUSTIN-AS8ER128K32_03 Datasheet
183Kb / 17P
   128K x 32 EEPROM Radiation Tolerant EEPROM Memory Array AVAILABLE AS MILITARY
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com