Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC7043LP7FE Datasheet(PDF) 7 Page - Analog Devices

Part # HMC7043LP7FE
Description  JEDEC JESD204B support
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7043LP7FE Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC7043LP7FE Datasheet HTML 3Page - Analog Devices HMC7043LP7FE Datasheet HTML 4Page - Analog Devices HMC7043LP7FE Datasheet HTML 5Page - Analog Devices HMC7043LP7FE Datasheet HTML 6Page - Analog Devices HMC7043LP7FE Datasheet HTML 7Page - Analog Devices HMC7043LP7FE Datasheet HTML 8Page - Analog Devices HMC7043LP7FE Datasheet HTML 9Page - Analog Devices HMC7043LP7FE Datasheet HTML 10Page - Analog Devices HMC7043LP7FE Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
HMC7043
Data Sheet
Rev. B | Page 6 of 43
CLOCK OUTPUT DRIVER CHARACTERISTICS
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CML MODE (LOW POWER)
RL = 100 Ω, 9.6 mA
−3 dB Bandwidth
1950
MHz
Differential output voltage = 980 mV p-p diff
Output Rise Time
175
ps
fCLKOUT = 245.76 MHz, 20% to 80%
145
ps
fCLKOUT = 983.04 MHz, 20% to 80%
Output Fall Time
185
ps
fCLKOUT = 245.76 MHz, 20% to 80%
145
ps
fCLKOUT = 983.04 MHz, 20% to 80%
Output Duty Cycle1
47.5
50
52.5
%
fCLKOUT = 1075 MHz (2150 MHz/2)
Differential Output Voltage Magnitude
1390
mV p-p diff
fCLKOUT = 245.76 MHz (2949.12 MHz/12)
1360
mV p-p diff
fCLKOUT = 983.04 MHz (2949.12 MHz/3)
Common-Mode Output Voltage
VCC − 1.05
V
fCLKOUT = 245.76 MHz (2949.12 MHz/12)
CML MODE (HIGH POWER)
RL = 100 Ω, 14.5 mA
−3 dB Bandwidth
1500
MHz
Differential output voltage = 1470 mV p-p diff
Output Rise Time
250
ps
fCLKOUT = 245.76 MHz, 20% to 80%
165
ps
fCLKOUT = 983.04 MHz, 20% to 80%
Output Fall Time
255
ps
fCLKOUT = 245.76 MHz, 20% to 80%
170
ps
fCLKOUT = 983.04 MHz, 20% to 80%
Output Duty Cycle1
47.5
50
52.5
%
fCLKOUT = 1075 MHz (2150 MHz/2)
Differential Output Voltage Magnitude
2000
mV p-p diff
fCLKOUT = 245.76 MHz (2949.12 MHz/12)
1800
mV p-p diff
fCLKOUT = 983.04 MHz (2949.12 MHz/3)
Differential Output
Voltage Magnitude
590
mV p-p diff
fCLKOUT = 3200 MHz
Power
−3.6
dBm diff
fCLKOUT = 3200 MHz
Common-Mode Output Voltage
VCC − 1.6
V
fCLKOUT = 245.76 MHz (2949.12 MHz/12)
LVPECL MODE
RL = 150 Ω, 4.8 mA
−3 dB Bandwidth
2400
MHz
Differential output voltage = 1240 mV p-p diff
Output Rise Time
135
ps
fCLKOUT = 245.76 MHz, 20% to 80%
130
ps
fCLKOUT = 983.04 MHz, 20% to 80%
Output Fall Time
135
ps
fCLKOUT = 245.76 MHz, 20% to 80%
130
ps
fCLKOUT = 983.04 MHz, 20% to 80%
Output Duty Cycle1
47.5
50
52.5
%
fCLKOUT = 1075 MHz (2150 MHz/2)
Differential Output Voltage Magnitude
1760
mV p-p diff
fCLKOUT = 245.76 MHz (2949.12 MHz/12)
1850
mV p-p diff
fCLKOUT = 983.04 MHz (2949.12 MHz/3)
Differential Output
Voltage Magnitude
930
mV p-p diff
fCLKOUT = 3200 MHz
Power
0.3
dBm diff
fCLKOUT = 3200 MHz
Common-Mode Output Voltage
VCC − 1.3
V
fCLKOUT = 245.76 MHz (2949.12 MHz/12)
LVDS MODE (LOW POWER)
1.75 mA
Maximum Operating Frequency
1700
MHz
Differential output voltage = 320 mV p-p diff
Output Rise Time
135
ps
fCLKOUT = 245.76 MHz, 20% to 80%
100
ps
fCLKOUT = 983.04 MHz, 20% to 80%
Output Fall Time
135
ps
fCLKOUT = 245.76 MHz, 20% to 80%
95
ps
fCLKOUT = 983.04 MHz, 20% to 80%
Output Duty Cycle1
47.5
50
52.5
%
fCLKOUT = 1075 MHz (2150 MHz/2)
Differential Output Voltage Magnitude
390
mV p-p diff
fCLKOUT = 245.76 MHz (2949.12 MHz/12)
Common-Mode Output Voltage
1.1
V
fCLKOUT = 245.76 MHz (2949.12 MHz/12)


Similar Part No. - HMC7043LP7FE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7044 AD-HMC7044 Datasheet
1Mb / 72P
   JESD204B clock generation
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
More results

Similar Description - HMC7043LP7FE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK0482X TI1-LMK0482X Datasheet
2Mb / 114P
[Old version datasheet]   JEDEC JESD204B Support
logo
Analog Devices
LTC6952 AD-LTC6952 Datasheet
949Kb / 80P
   Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
LTC6953 AD-LTC6953 Datasheet
747Kb / 56P
   Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
logo
Texas Instruments
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
[Old version datasheet]   19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820 Datasheet
1Mb / 37P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
[Old version datasheet]   LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572_17 Datasheet
1Mb / 87P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI-LMX2820_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com