Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC7043LP7FE Datasheet(PDF) 5 Page - Analog Devices

Part # HMC7043LP7FE
Description  JEDEC JESD204B support
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7043LP7FE Datasheet(HTML) 5 Page - Analog Devices

  HMC7043LP7FE Datasheet HTML 1Page - Analog Devices HMC7043LP7FE Datasheet HTML 2Page - Analog Devices HMC7043LP7FE Datasheet HTML 3Page - Analog Devices HMC7043LP7FE Datasheet HTML 4Page - Analog Devices HMC7043LP7FE Datasheet HTML 5Page - Analog Devices HMC7043LP7FE Datasheet HTML 6Page - Analog Devices HMC7043LP7FE Datasheet HTML 7Page - Analog Devices HMC7043LP7FE Datasheet HTML 8Page - Analog Devices HMC7043LP7FE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
HMC7043
Data Sheet
Rev. B | Page 4 of 43
DIGITAL INPUT/OUTPUT (I/O) ELECTRICAL SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL INPUT SIGNALS (RESET, SLEN, SCLK)
Safe Input Voltage Range
−0.1
+3.6
V
Input Load
0.3
pF
Input Voltage
Input Logic High
1.2
VCC
V
Input Logic Low
0
0.5
V
SPI Bus Frequency
10
MHz
DIGITAL BIDIRECTIONAL SIGNALS
CONFIGURED AS INPUTS (SDATA, GPIO)
Safe Input Voltage Range
−0.1
+3.6
V
Input Capacitance
0.4
pF
Input Resistance
50
GΩ
Input Voltage
Input Logic High
1.22
VCC
V
Input Logic Low
0
0.24
V
Input Hysteresis
0.2
V
Occurs around 0.85 V
GPIO ALARM MUXING/DELAY
Delay from Internal Alarm/Signal to
General-Purpose Output (GPO) Driver
2
ns
Does not include tDGPO
DIGITAL BIDIRECTIONAL SIGNALS
CONFIFURED AS OUTPUTS (SDATA, GPIO)
CMOS Mode
Logic 1 Level
1.6
1.9
2.2
V
Logic 0 Level
0
0.1
V
Output Drive Resistance (RDRIVE)
50
Output Driver Delay (tDGPO)
1.5 + 42 × CLOAD
ns
Approximately 1.5 ns + 0.69 × RDRIVE × CLOAD
(CLOAD in nF)
Maximum Supported DC Current1
0.6
mA
Open-Drain Mode
External 1 kΩ pull-up resistor
Logic 1 Level
3.6
V
3.6 V maximum permitted; specifications set by
external supply
Logic 0 Level
0.13
0.28
V
Against a 1 kΩ external pull-up resistor to 3.3 V
Pull-Down Impedance
60
Maximum Supported Sink Current1
5
mA
1
Guaranteed by design and characterization for long-term reliability.
CLOCK INPUT PATH SPECIFICATIONS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK INPUT (CLKIN) CHARACTERISTICS
Recommended Input Power, AC-Coupled
Differential
−6
+8
dBm
Single-Ended1
−10
+6
dBm
Noise floor degrade by 3 dB at fCLKIN = 2400 MHz
Return Loss
−12
dB
When terminated with 100 Ω differential
Clock Input Frequency (fCLKIN)
200
3200
MHz
Fundamental mode; if <1 GHz, set the low frequency
clock input path enable bit (Register 0x0064, Bit 0)
200
6000
MHz
Using clock input ÷ 2
Common-Mode Range
0.4
2.4
V
1
Guaranteed by design and characterization.


Similar Part No. - HMC7043LP7FE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7044 AD-HMC7044 Datasheet
1Mb / 72P
   JESD204B clock generation
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
logo
Analog Devices
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
More results

Similar Description - HMC7043LP7FE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK0482X TI1-LMK0482X Datasheet
2Mb / 114P
[Old version datasheet]   JEDEC JESD204B Support
logo
Analog Devices
LTC6952 AD-LTC6952 Datasheet
949Kb / 80P
   Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
LTC6953 AD-LTC6953 Datasheet
747Kb / 56P
   Ultralow Jitter, 4.5GHz Clock Distributor with 11 Outputs and JESD204B Support
logo
Texas Instruments
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2595 TI1-LMX2595 Datasheet
1Mb / 70P
[Old version datasheet]   19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820 Datasheet
1Mb / 37P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
[Old version datasheet]   LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572_17 Datasheet
1Mb / 87P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI-LMX2820_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com