Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC1119LP4ME Datasheet(PDF) 9 Page - Analog Devices

Part # HMC1119LP4ME
Description  Microwave radios and very small aperture terminals
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1119LP4ME Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC1119LP4ME Datasheet HTML 5Page - Analog Devices HMC1119LP4ME Datasheet HTML 6Page - Analog Devices HMC1119LP4ME Datasheet HTML 7Page - Analog Devices HMC1119LP4ME Datasheet HTML 8Page - Analog Devices HMC1119LP4ME Datasheet HTML 9Page - Analog Devices HMC1119LP4ME Datasheet HTML 10Page - Analog Devices HMC1119LP4ME Datasheet HTML 11Page - Analog Devices HMC1119LP4ME Datasheet HTML 12Page - Analog Devices HMC1119LP4ME Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HMC1119
Data Sheet
Rev. 0 | Page 8 of 15
Figure 13. State Error vs. Frequency, Major States Only
Figure 14. Relative Phase vs. Frequency, Major States Only
Figure 15. Step Error vs. Frequency, Major States Only
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
01234
56
FREQUENCY (GHz)
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB
–60
–40
–20
0
20
40
60
80
FREQUENCY (GHz)
0
123
456
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB
0123
456
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
FREQUENCY (GHz)
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB


Similar Part No. - HMC1119LP4ME

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
   Test Instrumentation
HMC1113LP5E AD-HMC1113LP5E Datasheet
615Kb / 12P
   GaAs MMIC i/q mi xer DOWNCONVER TER , 10 - 16 GHz
HMC1114 AD-HMC1114 Datasheet
483Kb / 16P
   High output IP3: 44 dBm typical
HMC1114LP5DE AD-HMC1114LP5DE Datasheet
483Kb / 16P
   High output IP3: 44 dBm typical
HMC1114LP5DETR AD-HMC1114LP5DETR Datasheet
483Kb / 16P
   High output IP3: 44 dBm typical
More results

Similar Description - HMC1119LP4ME

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5020 AD-ADRF5020 Datasheet
341Kb / 12P
   Microwave radios and very small aperture terminals
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF Datasheet
75Kb / 2P
   Microwave Radios
logo
TEMEX
RHT1490A TEMEX-RHT1490A Datasheet
253Kb / 2P
   Low noise C?륱AN radios, Microwave links and Small Cells
logo
Micross Components
HMC337 MICROSS-HMC337 Datasheet
946Kb / 11P
   18 and 23 GHz Microwave Radios
HMC395 MICROSS-HMC395 Datasheet
820Kb / 9P
   Microwave & VSAT Radios
HMC142 MICROSS-HMC142 Datasheet
902Kb / 9P
   Microwave & MM W Radios
logo
Analog Devices
HMC1049LP5E AD-HMC1049LP5E Datasheet
834Kb / 10P
   High Linearity Microwave Radios
ADL5721 AD-ADL5721 Datasheet
492Kb / 16P
   Point to point microwave radios
logo
Micross Components
HMC143 MICROSS-HMC143 Datasheet
823Kb / 11P
   Microwave Point-to-Point Radios
logo
NIHON DEMPA KOGYO
S3R0G3R0GA NDK-S3R0G3R0GA Datasheet
439Kb / 2P
   Local Oscillator for Microwave Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com