Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDB-N-CP09-RF Datasheet(PDF) 3 Page - ETAL Group

Part # PDB-N-CP09-RF
Description  Modular power distribution system for short circuit current limited DC -48 V / DC -60 V applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

PDB-N-CP09-RF Datasheet(HTML) 3 Page - ETAL Group

  PDB-N-CP09-RF Datasheet HTML 1Page - ETAL Group PDB-N-CP09-RF Datasheet HTML 2Page - ETAL Group PDB-N-CP09-RF Datasheet HTML 3Page - ETAL Group PDB-N-CP09-RF Datasheet HTML 4Page - ETAL Group PDB-N-CP09-RF Datasheet HTML 5Page - ETAL Group PDB-N-CP09-RF Datasheet HTML 6Page - ETAL Group PDB-N-CP09-RF Datasheet HTML 7Page - ETAL Group PDB-N-CP09-RF Datasheet HTML 8Page - ETAL Group PDB-N-CP09-RF Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.e-t-a.de
3
ControlPlex® Rack
1623
7
ControlPlex® Rack
Dimensions – connection from the front (PDB-N-CP 09A-FF-x)
Dimensions – connection from the rear (PDB-N-CP xxy-RR-x)
cable grip set
(optional)
cable grip set (optional)
cable guide loads
cable guide
supply
515 (ETS)
465 (19“)
1:2
515 (ETS)
465 (19")
531.4 (ETS)
450
cable grip set (optional)
cable grip set
(optional)
cable grip set (optional)
cable guide supply
482.6 (19")


Similar Part No. - PDB-N-CP09-RF

ManufacturerPart #DatasheetDescription
logo
ETAL Group
PDB-N-D ETAL-PDB-N-D Datasheet
497Kb / 4P
   Plug-in type circuit breakers, 8345-.01.-W0, extendable in service, with or without auxiliary contact, load per way 0.1??25 A
PDB-N-D06-RF ETAL-PDB-N-D06-RF Datasheet
497Kb / 4P
   Plug-in type circuit breakers, 8345-.01.-W0, extendable in service, with or without auxiliary contact, load per way 0.1??25 A
PDB-N-D06-RR ETAL-PDB-N-D06-RR Datasheet
497Kb / 4P
   Plug-in type circuit breakers, 8345-.01.-W0, extendable in service, with or without auxiliary contact, load per way 0.1??25 A
PDB-N-D08-RF ETAL-PDB-N-D08-RF Datasheet
497Kb / 4P
   Plug-in type circuit breakers, 8345-.01.-W0, extendable in service, with or without auxiliary contact, load per way 0.1??25 A
PDB-N-D08-RR ETAL-PDB-N-D08-RR Datasheet
497Kb / 4P
   Plug-in type circuit breakers, 8345-.01.-W0, extendable in service, with or without auxiliary contact, load per way 0.1??25 A
More results

Similar Description - PDB-N-CP09-RF

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
140CPS41400 SCHNEIDER-140CPS41400 Datasheet
123Kb / 4P
   power supply module Modicon Quantum - 48..60 V DC - summable
Apr 12, 2022
140CPS42400 SCHNEIDER-140CPS42400 Datasheet
123Kb / 4P
   power supply module Modicon Quantum - 48..60 V DC - redundant
Apr 12, 2022
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Texas Instruments
PTB48500 TI1-PTB48500_15 Datasheet
518Kb / 17P
[Old version datasheet]   48-V INPUT ISOLATED DC/DC CONVERTER
logo
Vicor Corporation
DC048B VICOR-DC048B Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
List of Unclassifed Man...
ATCA-H8314 ETC2-ATCA-H8314 Datasheet
871Kb / 2P
   Dual -48 V DC power entry modules
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com