Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT5C1008C-55 Datasheet(PDF) 1 Page - Austin Semiconductor

Part # MT5C1008C-55
Description  128K x 8 SRAM WITH DUAL CHIP ENABLE AVAILABLE AS MILITARY SPECIFICATIONS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

MT5C1008C-55 Datasheet(HTML) 1 Page - Austin Semiconductor

  MT5C1008C-55 Datasheet HTML 1Page - Austin Semiconductor MT5C1008C-55 Datasheet HTML 2Page - Austin Semiconductor MT5C1008C-55 Datasheet HTML 3Page - Austin Semiconductor MT5C1008C-55 Datasheet HTML 4Page - Austin Semiconductor MT5C1008C-55 Datasheet HTML 5Page - Austin Semiconductor MT5C1008C-55 Datasheet HTML 6Page - Austin Semiconductor MT5C1008C-55 Datasheet HTML 7Page - Austin Semiconductor MT5C1008C-55 Datasheet HTML 8Page - Austin Semiconductor MT5C1008C-55 Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SRAM
SRAM
SRAM
SRAM
SRAM
MT5C1008
Austin Semiconductor, Inc.
MT5C1008
Rev. 6.5 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
FEATURES
• High Speed: 12, 15, 20, 25, 35, 45, 55 and 70 ns
• Battery Backup: 2V data retention
• Low power standby
• High-performance, low-power CMOS process
• Single +5V (+10%) Power Supply
• Easy memory expansion with CE1\, CE2, and OE\
options.
• All inputs and outputs are TTL compatible
OPTIONS
MARKING
• Timing
12ns access
-12 (contact factory)
15ns access
-15
20ns access
-20
25ns access
-25
35ns access
-35
45ns access
-45
55ns access
-55*
70ns access
-70*
• Package(s)•
Ceramic DIP (400 mil)
C
No. 111
Ceramic DIP (600 mil)
CW
No. 112
Ceramic LCC
EC
No. 207
Ceramic LCC
ECA
No. 208
Ceramic Flatpack
F
No. 303
Ceramic SOJ
DCJ
No. 501
Ceramic SOJ
SOJ
No. 507
• 2V data retention/low power
L
*Electrical characteristics identical to those provided for the 45ns
access devices.
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
•SMD 5962-89598
•MIL-STD-883
NC
1
32
VCC
A16
2
31
A15
A14
3
30
CE2
A12
4
29
WE\
A7
5
28
A13
A6
6
27
A8
A5
7
26
A9
A4
8
25
A11
A3
9
24
OE\
A2
10
23
A10
A1
11
22
CE\
A0
12
21
DQ8
DQ1
13
20
DQ7
DQ2
14
19
DQ6
DQ3
15
18
DQ5
VSS
16
17
DQ4
NC
1
32
VCC
A16
2
31
A15
A14
3
30
CE2
A12
4
29
WE\
A7
5
28
A13
A6
6
27
A8
A5
7
26
A9
A4
8
25
A11
A3
9
24
OE\
A2
10
23
A10
A1
11
22
CE\
A0
12
21
DQ8
DQ1
13
20
DQ7
DQ2
14
19
DQ6
DQ3
15
18
DQ5
VSS
16
17
DQ4
NC
1
32 VCC
A16
2
31 A15
A14
3
30 CE2
A12
4
29 WE\
A7
5
28 A13
A6
6
27 A8
A5
7
26 A9
A4
8
25 A11
A3
9
24 OE\
A2 10
23 A10
A1 11
22 CE\
A0 12
21 DQ8
DQ1 13
20 DQ7
DQ2 14
19 DQ6
DQ3 15
18 DQ5
VSS 16
17 DQ4
32-Pin DIP (C, CW)
32-Pin CSOJ (SOJ)
32-Pin LCC (EC)
32-Pin SOJ (DCJ)
32-Pin Flat Pack (F)
32-Pin LCC (ECA)
GENERAL DESCRIPTION
The MT5C1008 SRAM employs high-speed, low power
CMOS designs using a four-transistor memory cell, and are
fabricated using double-layer metal, double-layer polysilicon
technology.
For design flexibility in high-speed memory
applications, this device offers dual chip enables (CE1\, CE2)
and output enable (OE\). These control pins can place the
outputs in High-Z for additional flexibility in system design.
All devices operate from a single +5V power supply and all
inputs and outputs are fully TTL compatible.
Writing to these devices is accomplished when write
enable (WE\) and CE1\ inputs are both LOW and CE2 is HIGH.
Reading is accomplished when WE\ and CE2 remain HIGH and
CE1\ and OE\ go LOW. The devices offer a reduced power
standby mode when disabled, allowing system designs to
achieve low standby power requirements.
The “L” version offers a 2V data retention mode, re-
ducing current consumption to 1mA maximum.
128K x 8 SRAM
WITH DUAL CHIP ENABLE
For more products and information
please visit our web site at
www.austinsemiconductor.com
4 3 2 1 32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
A7
A6
A5
A4
A3
A2
A1
A0
DQ1
29
28
27
26
25
24
23
22
21
WE
A13
A8
A9
A11
OE
A10
CE1
DQ8
\
\
\


Similar Part No. - MT5C1008C-55

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1008C-30LL/MIL AUSTIN-MT5C1008C-30LL/MIL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
More results

Similar Description - MT5C1008C-55

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
MT5C1009 AUSTIN-MT5C1009 Datasheet
254Kb / 17P
   128K x 8 SRAM WITH CHIP & OUTPUT ENABLE
AS8ERLC128K32 AUSTIN-AS8ERLC128K32 Datasheet
559Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
AS8ER128K32 AUSTIN-AS8ER128K32_05 Datasheet
556Kb / 18P
   128K x 32 Radiation Tolerant EEPROM AVAILABLE AS MILITARY SPECIFICATIONS
MT5C1008LL AUSTIN-MT5C1008LL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
logo
MOSAIC
MSM8128 MOSAIC-MSM8128 Datasheet
585Kb / 10P
   128K x 8 SRAM
logo
Austin Semiconductor
AS8ER128K32 AUSTIN-AS8ER128K32_03 Datasheet
183Kb / 17P
   128K x 32 EEPROM Radiation Tolerant EEPROM Memory Array AVAILABLE AS MILITARY
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
   Military 128K x 8 CMOS EPROM
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
GSI Technology
GS71208TP GSI-GS71208TP Datasheet
382Kb / 11P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com